PART |
Description |
Maker |
BC212 BC214 BC213 BC212B ON0141 BC214RL1 |
Amplifier Transistor PNP From old datasheet system CASE 29-4, STYLE 17 TO-2 (TO-26AA) Amlifier Transistors (PNP) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Amplifier Transistors(PNP Silicon) 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Mobility Holdings, Inc. ON Semiconductor
|
PMP5201G PMP5201V PMP5201Y PMP5201Y115 PMP5201Y135 |
PNP/PNP matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
DDTA115TUA-7-F DDTA113TUA-7-F DDTA123TUA-7-F DDTA1 |
PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
2SB1326TV6/PQ 2SB1326TV3/PQ 2SB1236ATV2/NP 2SC2021 |
5000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 600 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
BC557CG BC557CZL1G BC556B07 |
Amplifier Transistors PNP Silicon 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
PBLS6024D |
60 V, 1.5 A PNP BISS loadswitch 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
BCF29 BCF30 |
CONNECTOR 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP general purpose transistors
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
2SC4504C1-TD 2SA1575C1-TD 2SA1740E2-TD 2SA1575D-TD |
300 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-243 100 mA, 200 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243 200 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-243 2000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243
|
SANYO SEMICONDUCTOR CO LTD
|
DTA124XET1G DTA115EET1 |
PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
DDTA115EE-7 144EE-13 DDTA123EE-13 DDTA114EE-13 DTA |
20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3 30 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES INC
|
BCY78-VIII BCY78 BCY78-IX BCY78-VII BCY78-X BCY79- |
Safety Sign; Legend:No Smoking; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Red/White RoHS Compliant: NA 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 PNP SILICON TRANSISTOR 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 Safety Sign; Legend:Caution Hearing Protection Must Be Worn In This Area; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Yellow/Black RoHS Compliant: NA 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 Safety Sign; Legend:Caution Wear Safety Shoes in This Area; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Yellow/Black RoHS Compliant: NA 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 PROTECTIVE WEAR SIGN Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
|