PART |
Description |
Maker |
37C669 FDC37C669 |
PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT 2 Mbps, IDE COMPATIBLE, FLOPPY DISK DRIVE CONTROLLER, PQFP100
|
SMSC Corporation SMSC, Corp. ETC
|
SWG8 |
THREE PHASE CONTROLLE
|
celduc-relais
|
MDT10P257P11 |
8-bit micro-controlle
|
Micon Design Technology...
|
1504 1504SERIES 1504-600F 1504-80B 1504-80C 1504-7 |
FIXED DIP DELAY LINE TD/TR = 5 Delay 20 /-1.0 ns, Fixed dip delay line Td/Tr=5 Delay 60 /-3 ns, Fixed dip delay line Td/Tr=5 Delay 800 /-40 ns, Fixed dip delay line Td/Tr=5 Delay 40 /-2 ns, Fixed dip delay line Td/Tr=5 Delay 400 /-20 ns, Fixed dip delay line Td/Tr=5 Delay 750 /-37.5 ns, Fixed dip delay line Td/Tr=5 Delay 225 /-12 ns, Fixed dip delay line Td/Tr=5 Delay 140 /-7 ns, Fixed dip delay line Td/Tr=5 Delay 100 /-5 ns, Fixed dip delay line Td/Tr=5 Delay 220 /-11 ns, Fixed dip delay line Td/Tr=5 Delay 380 /-19 ns, Fixed dip delay line Td/Tr=5 Delay 480 /-24 ns, Fixed dip delay line Td/Tr=5 Delay 120 /-6 ns, Fixed dip delay line Td/Tr=5 Delay 150 /-7.5 ns, Fixed dip delay line Td/Tr=5 Delay 450 /-22.5 ns, Fixed dip delay line Td/Tr=5 Delay 75 /-3.8 ns, Fixed dip delay line Td/Tr=5 Delay 360 /-18 ns, Fixed dip delay line Td/Tr=5 Delay 25 /-1.3 ns, Fixed dip delay line Td/Tr=5 Delay 250 /-12.5 ns, Fixed dip delay line Td/Tr=5 Fixed passive DIP delay line PASSIVE DELAY LINE, TRUE OUTPUT, DIP16 Delay 160 /-8 ns, Fixed dip delay line Td/Tr=5 Delay 375 /-18.8 ns, Fixed dip delay line Td/Tr=5 Delay 50 /-2.5 ns, Fixed dip delay line Td/Tr=5 Delay 320 /-16 ns, Fixed dip delay line Td/Tr=5 Delay 90 /-4.5 ns, Fixed dip delay line Td/Tr=5 Delay 45 /-2.3 ns, Fixed dip delay line Td/Tr=5 Delay 1000 /-50 ns, Fixed dip delay line Td/Tr=5 Delay 10 /-1 ns, Fixed dip delay line Td/Tr=5 Delay 125 /-6.3 ns, Fixed dip delay line Td/Tr=5 Delay 30 /-1.5 ns, Fixed dip delay line Td/Tr=5 Delay 180 /-9 ns, Fixed dip delay line Td/Tr=5 Delay 500 /-25 ns, Fixed dip delay line Td/Tr=5 Delay 300 /-15 ns, Fixed dip delay line Td/Tr=5 Delay 200 /-10 ns, Fixed dip delay line Td/Tr=5 Delay 240 /-12 ns, Fixed dip delay line Td/Tr=5 Delay 80 /-4 ns, Fixed dip delay line Td/Tr=5 Delay 600 /-30 ns, Fixed dip delay line Td/Tr=5
|
Data Delay Devices, Inc... DATA DELAY DEVICES INC
|
NCV884310 |
1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
|
ON Semiconductor
|
RT7250A RT7250B |
2A, 17V, 340/800kHz Synchronous Step-Down Converter
|
Richtek Technology Corporation
|
2V7002W 2V7002WT1G 2N7002WT1G 2N7002W12 |
Small Signal MOSFET 60 V, 340 mA, Single, N.Channel, SC.70
|
ON Semiconductor
|
NU-33B54B-P-A NU-33B54B-R-A |
155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package, Class B B-PON ONU Transceiver
|
Optoway Technology Inc.
|
VSC7398 |
155 Mbps to 1.25 Gbps Laser Driver and Post Amplifier 155 Mbps.25 Gbps的激光驱动器和后置放大器
|
Vitesse Semiconductor, Corp.
|
2075SERIES 2075-2000 2075-1000 2075-300 2075-3000 |
Delay 5000 /-100 ns, fixed high B.W. line Tr Delay 500 /-20 ns, fixed high B.W. line Tr Delay 4000 /-80 ns, fixed high B.W. line Tr Delay 3000 /-60 ns, fixed high B.W. line Tr Delay 300 /-20 ns, fixed high B.W. line Tr Delay 1000 /-20 ns, fixed high B.W. line Tr Delay 2000 /-40 ns, fixed high B.W. line Tr FIXED HIGH B.W. DELAY LINE TR 1ns
|
Data Delay Devices Inc
|
CH0805-340RFP |
RESISTOR, THIN FILM, 0.2 W, 1 %, 100 ppm, 340 ohm, SURFACE MOUNT, 0805 CHIP, GREEN
|
Japan Aviation Electronics Industry, Ltd.
|
|