PART |
Description |
Maker |
PBLS6021D |
60 V, 1.5 A PNP BISS loadswitch 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
PBLS6024D |
60 V, 1.5 A PNP BISS loadswitch 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
SLA4390 |
PNP NPN Darlington Transistor (H-Hridge)(PNP NPN达林顿晶体管H桥)) 5 A, 100 V, 4 CHANNEL, NPN AND PNP, Si, POWER TRANSISTOR
|
Sanken Electric Co., Ltd.
|
2N3811L 2N3811U 2N3810 2N3810L 2N3810U 2N3811 |
PNP Dual Transistors PNP SILICON DUAL TRANSISTOR 50 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|
BCV64B BCV64 BCV64B_3 BCV64B215 |
PNP general purpose double transistor - Description: Schmitt Trigger; Package: SOT143B (SOT4); Container: Tape reel smd 100 mA, 30 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MMDJ3P03BJT |
DUAL BIPOLAR POWER TRANSISTOR PNP SILICON 30 VOLTS 3 AMPERES 3 A, 30 V, 2 CHANNEL, PNP, Si, POWER TRANSISTOR, SO-8
|
Motorola Mobility Holdings, Inc.
|
DMMT5401-7-F |
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 200 mA, 150 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
DDA113TU-7-F DDA143TU-7-F DDA114TU-7-F DDA123JU-7- |
PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR 50 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR 30 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
ZTX653DCSM ZTX753DCSM ZTX653DCSM02 ZTX653/753DCSMG |
2000 mA, 100 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR HERMETIC SEALED, CERAMIC, LCC2-6 NPN/PNP DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICTIONS
|
TT electronics Semelab, Ltd. Seme LAB http://
|
DMMT3906 DMMT3906-7 |
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 200 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
OC28 OC22 OC23 OC30 OC25 OC19 OC36 AUY29IV AUY24 A |
TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-3 TRANSISTOR | BJT | PNP | 24V V(BR)CEO | 1A I(C) | TO-3 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 1.4A I(C) | TO-66VAR TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 4A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 3A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 8A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 15A I(C) | TO-41 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 3A I(C) | TO-41 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 3A I(C) | TO-41 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 8A I(C) | TO-41 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 8A条一(c)|1
|
Vicor, Corp. Marktech Optoelectronics
|
|