PART |
Description |
Maker |
47150-0003 47150-0002 |
EJECTOR-EX.CARD SLOT WITH P-P MECH.TOP PCB CONNECTOR CONN EXPRESSCARD HDR 26POS TOP PCB CONNECTOR
|
Molex, Inc.
|
70ADH-4-FL0 70ADJ-4-FL1 70ADJ-2-FL1 70ADJ-3-FL0 70 |
CONN MODULAR 4POS FEMALE PCB CONNECTOR CONN MOD 4POS FEMALE SMD LOC PIN PCB CONNECTOR CONN MOD 2POS FEMALE SMD LOC PIN PCB CONNECTOR CONN MOD 3POS FEMALE SMD PCB CONNECTOR CONN MODULAR 3POS FEMALE PCB CONNECTOR MODULAR CONTACT - PTH FEMALE PCB CONNECTOR
|
Bourns, Inc.
|
1-1437069-4 3-1437070-6 5-1437069-5 9-1437069-6 4- |
STIFTLEISTE SCSI PCB 90 GRAD 26POL STIFTLEISTE SCSI PCB 90 GRAD 100POL Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits STIFTLEISTE SCSI PCB 90 GRAD 68POL 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit STIFTLEISTE SCSI PCB 90 GRAD 50POL 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 68 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC 60 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC
|
THOMAS & BETTS CORP
|
0482016048 48201-6048 |
D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 9 Circuits, 2 pcs M3 Inner Thread Screw Attached, 0.76μm (30μ) Gold (Au) Plating, PCB Thickness 1.60mm (.063) MOLEX Connector
|
Molex Electronics Ltd.
|
0901522104 90152-2104 |
2.54mm Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins Straight PCB Pins, 1.0μm (40μ) Tin (Sn), 4 Circuits 2.54mm Pitch C-Grid III垄芒 PC Board Connector, Dual Row, Right Angle, Straight PCB Pins Straight PCB Pins, 1.0楼矛m (40楼矛") Tin (Sn), 4 Circuits
|
Molex Electronics Ltd.
|
M502-6860942 |
SD Memory Card Connector, Half Size, Normal, Manual type PCB CONNECTOR, SOCKET
|
Harwin PLC
|
145638009511862 |
CONNECTOR: SECURE DIGITAL MEMORY CARD PCB CONNECTOR
|
AVX, Corp.
|
0719733508 71973-3508 |
2.54mm (.100) Pitch C-Grid? PCB Connector, Dual Row, Right Angle, Early EntryReceptacle, without Flange, 16 Circuits, Lead free MOLEX Connector
|
http:// Molex Electronics Ltd.
|
26-51-0113 |
Header Connector,PCB Mnt,RECEPT,11 Contacts,PIN,0.156 Pitch,PC TAIL Terminal 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
0901522114 90152-2114 |
2.54mm (.100) Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0μm (40μ) Tin (Sn), 14 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0901522350 |
2.54mm (.100) Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76μm (29μ) Gold (Au) Selective, 50 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0901522214 90152-2214 |
2.54mm (.100) Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.38μm (15μ) Gold (Au) Selective, 14 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
|