PART |
Description |
Maker |
TC54 TC54VC6802EMB713 TC54VC4901ECB713 TC54VN2601E |
The TC54 Series are CMOS voltage detectors, suited especially for battery-powered applications because of their extremely low 1uA operating current and small surface-mount packaging. Each part is laser trimmed to the desired threshold volt 1-CHANNEL POWER SUPPLY SUPPORT CKT, PSSO3 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3
|
Microchip
|
ISL61852AIRZ ISL61852CCRZ ISL61851ACBZ ISL61851AIB |
Dual USB Port Power Supply Controller 2.5V to 5V Operating Range 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO10 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Intersil Corporation
|
RN5VD30CA-TL RN5VD23CA-TR RN5VD19AC RN5VD47CA RN5V |
Automotive Catalog Current Shunt Monitors -16-V to 80-V Common-Mode Range 5-SOT-23 -40 to 125 Enhanced Product Current Shunt Monitor -16 V To Plus80 V Common-Mode Range 5-SOT-23 -55 to 125 Automotive Catalog High-Side Measurement Current Shunt Monitor 8-TSSOP -40 to 125 Zero-Drift, Bi-directional Current/Power Monitor in SOT23 8-SOT-23 -25 to 85 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 3,61 N - 5,28 N [13 oz - 19 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO VOLTAGE DETECTOR WITH OUTPUT DELAY 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 CA-BAYONET 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 RES 39 OHM 1/10W 5% 0603 SMD 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 COAX T CONN BNC F-M-F 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 PLASTIC, SOT-23, 5 PIN High-Side Measurement Current-Shunt Monitor with Dual Comparators 10-MSOP -40 to 125 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 High-Side Measurement Current-Shunt Monitor with Dual Comparators 14-SOIC -40 to 125 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Precision, Low Power, G = 10, 100 Instrumentation Amplifier 8-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
RICOH electronics devices division Ricoh Co., Ltd. RICOH COMPANY LTD RICOH electronics devices d... RICOH electronics devic...
|
MC33164D-5R2 MC34164D-3G MC34164D-3R2 MC34164D-3R2 |
3 nV/vHz Ultralow Distortion Voltage Feedback High Speed Amplifier; Package: SOIC-EP; No of Pins: 8; Temperature Range: Industrial MICROPOWER UNDERVOLTAGE SENSING CIRCUITS 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 MICROPOWER UNDERVOLTAGE SENSING CIRCUITS 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 MICROPOWER UNDERVOLTAGE SENSING CIRCUITS 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3
|
http:// ONSEMI[ON Semiconductor]
|
CAT1024YE-30TE13 CAT1024UI-30TE13 CAT1025ZI-25TE13 |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8 9S12C32, MOS13, AUTO 监控电路,带有I2C串行K位CMOS EEPROM和手动复 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 LEAD AND HALOGEN FREE, MSOP-8 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 LEAD AND HALOGEN FREE, TSSOP-8 Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset 监控电路,带有I2C串行K位CMOS EEPROM和手动复 CONNECTOR ACCESSORY G8, REV 2.1,0.95V,105C
|
3M Company ON Semiconductor Catalyst Semiconductor
|
MAX6729KAWED4-T MAX6717UKMRD2-T MAX6726KAVFD2-T MA |
IC Output Photocouplers and Photorelays; Features: IEC950-satisfied-version of TLP559; Package: DIP8; Surface Mount Type: Y/N; Number of Pins: 8 MICRO SWITCH Hazardous Location Safety Switch BQ2057 Evaluation Module for Li-Ion, linear (4.1V), one cell Analog IC 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 Analog IC 3-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Analog IC 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
Maxim Integrated Products, Inc.
|
KIA7045AF KIA7023AP KIA7019AP-15 KIA7021 KIA7023AF |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PSSO3 1-CHANNEL POWER SUPPLY SUPPORT CKT, BCY3 BIPOLAR LINEAR INTEGRATED CIRCUIT
|
KEC(Korea Electronics)
|
NCV303LSN29T1 NCV303LSN47T1 NCP303LSN23T1G |
Voltage Detector Series with Programmable Delay 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Resistor Wirewound 34.8 OHM 5% 4W 20PPM AXIAL Thru-Hole T/R 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
ON Semiconductor
|
X80012Q32I X80011Q32I X80013Q32I |
14 STR PE BLK RoHS Compliant: Yes 5-CHANNEL POWER SUPPLY SUPPORT CKT, QCC32 Penta-Power Sequence Controller with Hot swap and System Management 5-CHANNEL POWER SUPPLY SUPPORT CKT, QCC32 Connector Wall Plate; Color:Almond; Leaded Process Compatible:Yes; Contact Termination:IDC; No. of Ports:3 RoHS Compliant: Yes
|
Intersil, Corp. INTERSIL CORP
|
CAT1025LI-30-GT3 CAT1025LI-30T2 CAT1024WI-28-GT2 C |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 3 X 3 MM, 0.80 MM HIEGHT, ROHS COMPLIANT, MO-229WEEC, TDFN-8 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 ROHS COMPLIANT, MO-153, TSSOP-8 Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
|
Powerex, Inc. Ecliptek, Corp. ON Semiconductor http:// Catalyst Semiconductor
|
MCP102T-270E_TT MCP103T-300E/LB MCP103T-300E/TO MC |
Micropower Voltage Supervisors CPU Supervisor with 2 k EEPROM CPU SUP WITH 64K EEPROM FAN CONTROLLER, SRC, SMBUS I.C. CPU SUP WITH 2K EEPROM 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3
|
Microchip Technology Inc.
|