PART |
Description |
Maker |
299-91-608-10-002 299-93-608-10-002 299-93-306-11- |
FAN 24VDC MUFFIN MC24K3 双列直插式插直角版本封闭框架焊尾 Proximity Sensor; Sensor Input Type:Inductive; Sensing Range Max:10mm; Sensor Output Type:NPN Transistor; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Sensing Face Diameter:12mm; Sensor Housing:Barrel 双列直插式插直角版本封闭框架焊尾 FAN FALCON 115VAC FA2B3 W/O FG 双列直插式插直角版本封闭框架焊尾 FAN FALCON 220VAC FA77B3 W/O FG 双列直插式插直角版本封闭框架焊尾 Dual-in-line sockets / right angle version Closed frame Solder tail 双列直插式插直角版本封闭框架焊尾 Axial Fan; Current Type:DC; Supply Voltage:12VDC; Series:Galaxy; External Height:127mm; External Width:127mm; External Depth:38mm; Fan Flow Rate:150CFM; Noise Rating:53.6dBA; Bearing Style:Ball; Depth:38mm; Height:127mm; RoHS Compliant: Yes FAN DIP 220VAC DAF77B3 W/O FG
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
4184NXH |
(4100 Series) DC Fan / Blower
|
PAPST
|
VF5 VF2.5 |
Cooling Fan for V-Series Units Cooling Fan for V-Series Units
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
TC654 TC654EUN TC655 TC655EUN |
The TC655 is a dual PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan li The TC654 is a dual PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan li Dual SMBus PWM Fan Speed Controllers With Fan Fault Detection Dual SMBus⑩ PWM Fan Speed Controllers With Fan Fault Detection
|
MICROCHIP[Microchip Technology]
|
EMC2101-ACZT-TR |
Thermal Management Products- Brushless DC Fan Controllers & Fan Fault Detectors
|
Microchip
|
TC649BEUATR TC646B TC646BEOA713 TC646BEOATR TC646B |
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense⑩ Technology for Fault Detection
|
MICROCHIP[Microchip Technology]
|
SC2128A-D80S SC2128A-D82S SC2128A-D81B SC2128A-D81 |
Remote fan control IC for electronic fan application
|
Silan Semiconductors
|
MAX6316LUK29CY MAX6319LHUK30AY-T MAX6322HPUK30AY-T |
FAN AC 254MM(10") 115V, 700cfm 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 FAN AC 120X38 115V BALL, 71cfm 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 FAN AC 120X25 220V BALL, 81cfm 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Analog IC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Analog IC 模拟IC FAN AC 92X25 110/220V, 35cfm 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Analog IC 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5 FAN AC 120X38 220V BALL, 71cfm FAN AC 92X38 110/220V, 32cfm POWER SUPPLY SUPERVISOR,CMOS,TSOP,6PIN,PLASTIC
|
Hitachi,Ltd. Maxim Integrated Products, Inc. Maxim Integrated Products Inc
|
12740 12750 12730 |
FAN WALL BUILT IN 9 INCH FAN WALL BUILT IN 12 INCH 范墙建造中2英寸 FAN WALL BUILT IN 6 INCH 范墙内建6英寸
|
KEMET Corporation Fluke Networks
|
OA109AP-11-1TB03 OA109AP-22-1TB03 |
AC Fan AC Smart Fan 120x38mm (4.7”x 1.5?
|
ORION FANS
|