PART |
Description |
Maker |
EMS22T51-D28-LD5 EMS22D30-M25-LP6 EMS22S30-C20-LA6 |
ENCODER - ROTARY MAGNETIC SINGLE, 3 CHANNELS, ROTARY/LINEAR OPTICAL POSITION ENCODER
|
Bourns, Inc. BOURNS INC
|
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
HEDS-9731152 HEDS-9731B53 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
AGILENT TECHNOLOGIES INC
|
62P22-N4 62P22-L4 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
FORDAHL S.A.
|
ECL0D-B24-CB0012L ECL0D-B24-EB0012L ECL0J-B24-KC00 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
BOURNS INC
|
EM14C0D-E20-R264H EM14A0B-B28-L364H EM14A0B-C28-L1 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
BOURNS INC
|
HEDL-6505B09 HEDS-6500A07 HEDS-6500J11 HEDS-6505B1 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER SINGLE, 3 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
AGILENT TECHNOLOGIES INC
|
HEDS-6505J10 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
AGILENT TECHNOLOGIES INC
|
60A00-2-025S 60A00-2-225S 60A00-8-025S 60A00-4-030 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
GRAYHILL INC
|
60A00-4-040S 60A00-8-040P 60A00-2-040C 60A00-2-040 |
SERIES 60A Joystick SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc GRAYHILL INC
|