PART |
Description |
Maker |
GS74116A GS74116ATP-10 GS74116AJ-12I GS74116AJ-12I |
256K X 16 STANDARD SRAM, 7 ns, PDSO44 256K x 16 4Mb Asynchronous SRAM 256K × 16 4Mb的异步SRAM RES, MTF 20K 1/4W 2% ER 16C 16#16 SKT PLUG ER 13C 3#8 3#12 7#16 SKT PLUG 10ns 256K X 16 4Mb Asynchronous SRAM 256K X 16 STANDARD SRAM, 7 ns, PBGA48
|
SRAM Electronic Theatre Controls, Inc. GSI[GSI Technology] N.A. ETC
|
IS61LV25616AL-8LQI IS61LV25616AL-12BI IS61LV25616A |
256K X 16 STANDARD SRAM, 8 ns, PQFP44 LQFP-44 256K X 16 STANDARD SRAM, 12 ns, PBGA48 256K X 16 STANDARD SRAM, 8 ns, PDSO44
|
Hitachi,Ltd. INTEGRATED SILICON SOLUTION INC
|
AS7C33256FT18B AS7C33256FT18BV.1.4 AS7C33256FT18B- |
3.3V 256K x 18 Flow Through Synchronous SRAM 256K X 18 STANDARD SRAM, 8 ns, PQFP100 3.3V 256K x 18 Flow Through Synchronous SRAM 256K X 18 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 18 Flow Through Synchronous SRAM 256K X 18 STANDARD SRAM, 10 ns, PQFP100 3.3V 256K x 18 Flow Through Synchronous SRAM 256K X 18 STANDARD SRAM, 6.5 ns, PQFP100 Sync SRAM - 3.3V From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS7C4098A-12TCN ALLIANCEMEMORYINC-AS7C4098A-12TIN |
IC,AS7C4098A-12TCN,TSOP-44 II, SRAM,12NS,256K X 16,5V 256K X 16 STANDARD SRAM, 12 ns, PDSO44 256K X 16 STANDARD SRAM, 20 ns, PDSO44
|
Alliance Memory, Inc. ALLIANCE MEMORY INC
|
LH51V2008JS-70LL LH51V2008JY-70LL |
256K X 8 STANDARD SRAM, 70 ns, PDSO32 8 X 13.40 MM, 0.50 MM PITCH, TSOP1-32 256K X 8 STANDARD SRAM, 70 ns, PBGA32 6 X 10 MM, FBGA-32
|
Sharp Electronics, Corp.
|
V62C3802048LL-35T V62C3802048LL-35V V62C3802048LL- |
256K X 8 STANDARD SRAM, 35 ns, PDSO32 256K X 8 STANDARD SRAM, 45 ns, PDSO32 Ultra Low Power 256K x 8 CMOS SRAM 超低功256K × 8 CMOS SRAM Ultra Low Power 256K x 8 CMOS SRAM 超低功56K × 8 CMOS SRAM
|
MOSEL-VITELIC Mosel Vitelic, Corp. Mosel Vitelic Corp MOSEL[Mosel Vitelic, Corp] Mosel Vitelic Corp
|
AS7C3256K32P-4TQC AS7C3256K32P-3.5BC |
256K X 32 STANDARD SRAM, 4 ns, PQFP100 256K X 32 STANDARD SRAM, 3.5 ns, PBGA119
|
INTEGRATED SILICON SOLUTION INC ALLIANCE SEMICONDUCTOR CORP
|
AS7C33256PFD32A-166TQIN AS7C33256PFD32A-133TQCN AS |
3.3V 256K x 32/36 pipelined burst synchronous SRAM 256K X 32 STANDARD SRAM, 4 ns, PQFP100 3.3V 256K x 32/36 pipelined burst synchronous SRAM 3.3 256 × 32/36管线爆裂同步SRAM 3.3V 256K x 32/36 pipelined burst synchronous SRAM 256K X 32 STANDARD SRAM, 3.5 ns, PQFP100
|
Alliance Semiconductor Corp... Alliance Semiconductor, Corp.
|
AS7C3256PFS18A-4TQC AS7C3256PFS16A-4TQC AS7C3256PF |
3.3V 256K x 18 pipeline burst synchronous SRAM, 166 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 133 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 166 MHz 256K X 18 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 256K X 16 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 256K X 16 STANDARD SRAM, 3.8 ns, PQFP100 3.3V 256K x 16/18 pipeline burst synchronous SRAM 3.3V 256K x 16 pipeline burst synchronous SRAM, 150 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 100 MHz
|
Alliance Semiconductor, Corp. ALLIANCE SEMICONDUCTOR CORP
|
CY7C1006D-10VXI |
1-Mbit (256K x 4) Static RAM 256K X 4 STANDARD SRAM, 10 ns, PDSO28
|
Cypress Semiconductor, Corp.
|
AS7C32096A AS7C32096A-20TIN AS7C32096A-10TC AS7C32 |
SRAM - 3.3V Fast Asynchronous 3.3V 256K x 8 CMOS SRAM Hex D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 Hex D-Type Flip-Flops With Clear 16-SO -40 to 85 256K X 8 STANDARD SRAM, 15 ns, PDSO44 Hex D-Type Flip-Flops With Clear 16-SOIC -40 to 85 256K X 8 STANDARD SRAM, 12 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
P4C1041-10JC P4C1041-10JI P4C1041-10TC P4C1041-10T |
HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM 256K X 16 STANDARD SRAM, 10 ns, PDSO44
|
Pyramid Semiconductor C... Pyramid Semiconductor, Corp. Pyramid Semiconductor Corporation
|