PART |
Description |
Maker |
T830-700W T820-600W T830-800W T820-800W T830-XXXW |
SNUBBERLESS TRIAC SNUBBERLESS TRIAC CONNECTOR ACCESSORY
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
BTB12800CRG BTB12800CWRG BTA12 BTB12800BRG BTB1280 |
Medium current triac 600 V, 12 A, SNUBBERLESS TRIAC 12 A Snubberless, logic level and standard triacs 12 A Snubberless? logic level and standard triacs
|
STMicroelectronics
|
T1620-400W T1620-600W T1620-700W T1620 T1630W T162 |
SNUBBERLESS TRIAC SNUBBERLESS TRIAC 缓冲器可控硅
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
T830W T820-400W T820-600W T820-700W T820W T830-400 |
SNUBBERLESS TRIAC SNUBBERLESS TRIAC 缓冲器可控硅
|
STEC, Inc. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
T1020-600W T1030-600W |
SNUBBERLESS TRIAC SNUBBERLESS TRIAC
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
T1230W T1220W |
SNUBBERLESS TRIAC
|
STMICROELECTRONICS[STMicroelectronics]
|
BTA208X-500B |
Three quadrant triacs high commutation(三象限双向高换向可控 500 V, 8 A, SNUBBERLESS TRIAC
|
NXP Semiconductors N.V.
|
BTA16-600BW BTA16-400CW BTB16-400CW |
Transient Voltage Suppressor Diodes TRIAC|400V V(DRM)|16A I(T)RMS|TO-220 Snubberless Triacs
|
ST Microelectronics
|
BCR5PM-14LA-A8 |
700 V, 5 A, TRIAC, TO-220AB TO-220F, 3 PIN
|
Vishay Intertechnology, Inc.
|
SF3B41 S2008R12V S2008N12V S2008K12V S2008W12V S20 |
200 V, 6 A sensitive triac 200 V, 16 A alternistor triac 800 V, 6 A triac 200 V, 8 A alternistor triac 400 V, 25 A triac 400 V, 10 A triac Thyristor Product Catalog Cross Reference Data to Teccor Part Numbers (See datasheet appendix) 600 V, 10 A triac 200 V, 10 A alternistor triac 800 V, 4 A triac 400 V, 16 A alternistor triac
|
Teccor Electronics, Inc.
|