PART |
Description |
Maker |
1N2282 1N1185A 1N1612 1N3055 1N4510 1N3573R 1N1581 |
35 A, 300 V, SILICON, RECTIFIER DIODE, DO-5 40 A, 150 V, SILICON, RECTIFIER DIODE, DO-5 5 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 0.125 A, SILICON, SIGNAL DIODE 12 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4 3.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-4 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 1 A, 400 V, SILICON, SIGNAL DIODE, DO-4 1 A, 200 V, SILICON, SIGNAL DIODE, DO-4 0.8 A, SILICON, SIGNAL DIODE 35 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 275 A, 150 V, SILICON, RECTIFIER DIODE, DO-9
|
|
1N914BT-10 1N914BT-87Y 1N914BT-12A 1N914BT-85 1N91 |
0.15 A, 100 V, SILICON, SIGNAL DIODE, DO-35 0.13 A, 90 V, SILICON, SIGNAL DIODE, DO-35 0.11 A, 40 V, SILICON, SIGNAL DIODE, DO-35 0.2 A, 250 V, SILICON, SIGNAL DIODE, DO-35 0.15 A, 75 V, SILICON, SIGNAL DIODE, DO-35 0.2 A, 40 V, SILICON, SIGNAL DIODE, DO-34 0.05 A, 40 V, SILICON, SIGNAL DIODE, DO-35 0.11 A, 40 V, SILICON, SIGNAL DIODE, DO-34 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-35 0.13 A, 90 V, SILICON, SIGNAL DIODE, DO-34 0.05 A, 40 V, SILICON, SIGNAL DIODE, DO-34
|
|
1N347 1N256 1N2029 1N2370 1N1342B 1N338 |
1 A, 100 V, SILICON, SIGNAL DIODE 1 A, 600 V, SILICON, SIGNAL DIODE 1 A, 400 V, SILICON, SIGNAL DIODE 1 A, 2000 V, SILICON, SIGNAL DIODE 6 A, 100 V, SILICON, RECTIFIER DIODE
|
|
MA141WATX MA142AH 2SK663H |
0.1 A, 2 ELEMENT, SILICON, SIGNAL DIODE 0.1 A, SILICON, SIGNAL DIODE 30 mA, N-CHANNEL, Si, SMALL SIGNAL, JFET
|
PANASONIC CORP
|
D83C D13-1C D13-3C D13-2C D14-2C D14-1C D14-3C D10 |
Single-In-Line DIODE NETWORKS D SERIES 0.1 A, 5 ELEMENT, SILICON, SIGNAL DIODE 0.1 A, 7 ELEMENT, SILICON, SIGNAL DIODE 0.1 A, 13 ELEMENT, SILICON, SIGNAL DIODE 0.1 A, 3 ELEMENT, SILICON, SIGNAL DIODE
|
BI TECHNOLOGIES CORP
|
FFM101 FFM102 FM107 FFM107 FFM104 FFM106 FFM105 FF |
1 A, 100 V, SILICON, SIGNAL DIODE, DO-214AC SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-214AC
|
Rectron Semiconductor RECTRON LTD
|
JAN1N3612 JANTX1N3957 |
DIODE 1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL, PLASTIC, EG1, 2 PIN, Signal Diode DIODE 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-204AL, Signal Diode
|
Vishay Semiconductors
|
BAS16 |
Surface Mount Silicon Planar Small-Signal Diode 0.2 A, 85 V, SILICON, SIGNAL DIODE, TO-236
|
Diotec Semiconductor AG
|
RL153G-F 1N4007GH05 1N4007GH03-2 1N4005GH08 |
1.5 A, 200 V, SILICON, RECTIFIER DIODE, DO-15 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 1 A, 600 V, SILICON, SIGNAL DIODE, DO-41
|
RECTRON LTD
|
BYM10-1000/26 BYM10-600/46 BYM10-100/26 GL41T-HE3 |
1 A, 1000 V, SILICON, SIGNAL DIODE, DO-213AB PLASTIC PACKAGE-2 1 A, 600 V, SILICON, SIGNAL DIODE, DO-213AB PLASTIC PACKAGE-2 1 A, 100 V, SILICON, SIGNAL DIODE, DO-213AB PLASTIC PACKAGE-2 1 A, 1300 V, SILICON, SIGNAL DIODE, DO-213AB
|
Vishay Beyschlag VISHAY SEMICONDUCTORS
|
1N4454UR-1 JANTX1N4454UR-1 JANTXV1N4454UR-1 JAN1N4 |
Signal or Computer Diode MINI-MELF-SMD Silicon Swithching Diode 0.2 A, SILICON, SIGNAL DIODE, DO-213AA
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
|