PART |
Description |
Maker |
IRF3704 IRF3704L IRF3704S IRF3704STRL IRF3704STRR |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A? Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A) Power MOSFET(Vdss=20V Rds(on)max=9.0mohm Id=77A) Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A?) Power MOSFET(Vdss=20V/ Rds(on)max=9.0mohm/ Id=77A) CONNECTOR, PICOFLEX, 4WAY; Connector type:Wire-to-Board; Ways, No. of:4; Termination method:Crimp; Rows, No. of:2; Pitch:1.27mm; Series:91935 RoHS Compliant: Yes 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 77A条? TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 77A I(D) | TO-263AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
FDFMA2P85708 FDFMA2P857 |
-20V Integrated P-Channel PowerTrenchMOSFET and Schottky Diode Integrated P-Channel PowerTrench㈢ MOSFET and Schottky Diode .20V, .3.0A, 120mヘ Integrated P-Channel PowerTrench庐 MOSFET and Schottky Diode .20V, .3.0A, 120m惟 Integrated P-Channel PowerTrench? MOSFET and Schottky Diode .20V, .3.0A, 120mΩ
|
Fairchild Semiconductor
|
IRF7601 IRF7601TR |
20V Single N-Channel HEXFET Power MOSFET in a Micro 8 package Power MOSFET(Vdss=20V, Rds(on)=0.035ohm) Power MOSFET(Vdss=20V/ Rds(on)=0.035ohm) N-Channel HEXFET Power MOSFET(N沟道 HEXFET 功率MOS场效应管) N沟道HEXFET功率MOSFET的(不适用沟道的HEXFET功率马鞍山场效应管) N-Channel HEXFET Power MOSFET(N娌?? HEXFET ???MOS?烘?搴??)
|
International Rectifier, Corp.
|
FDC638APZ |
-20V P-Channel 2.5V PowerTrenchSpecified MOSFET P-Channel 2.5V PowerTrench Specified MOSFET -20V, -4.5A, 43mohm
|
FAIRCHILD[Fairchild Semiconductor]
|
AM29LV010B-45RJC AM29LV010B-55JC AM29LV010B-55JE A |
A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET ST Package 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package -40V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package 20V Dual N-Bidirectional HEXFET Power MOSFET in a 6-Lead FlipFET 30V N-Channel PowerTrench MOSFET 30VN沟道的PowerTrench MOSFET -12V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package x8闪存EEPROM 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 x8 Flash EEPROM x8闪存EEPROM
|
Toshiba, Corp. Advanced Micro Devices, Inc. Spansion, Inc.
|
IRF7301 IRF7301TR |
FERRITE BEAD BLM21A601S Power MOSFET(Vdss=20V Rds(on)=0.050ohm) Power MOSFET(Vdss=20V, Rds(on)=0.050ohm) 20V Dual N-Channel HEXFET Power MOSFET in a SO-8 package
|
IRF[International Rectifier]
|
STB160NF02L 7459 |
N-CHANNEL 20V - 0.0018ohm - 160A D2PAK STripFET POWER MOSFET N-CHANNEL 20V - 0.0018ohm - 160A D2PAK STripFET?/a> POWER MOSFET N-CHANNEL 20V - 0.0018 OHM - 160A D2PAK STRIPFET POWER MOSFET From old datasheet system N-CHANNEL 20V - 0.0018ohm - 160A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL 20V - 0.0018 OHM - 160A D2PAK STRIPFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STN5PF02V |
P-channel 20V - 0.065 - 4.2A - SOT-223 2.5V - Drive STripFET II Power MOSFET P-channel 20V - 0.065з - 4.2A - SOT-223 2.5V - Drive STripFET⑩ II Power MOSFET P-channel 20V - 0.065蟹 - 4.2A - SOT-223 2.5V - Drive STripFET??II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
IRF3711ZL IRF3711ZS IRF3711Z |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
STT358512 |
3.5A, 20V, RDS(ON) 75m -2.5A, -20V, RDS(ON) 160m N And P-Channel Enhancement Mode Power MOSFET
|
SeCoS Halbleitertechnologie GmbH
|
WNM2024 WNM2024-3TR |
Single N-Channel, 20V, 3.9A, Power MOSFET Supper high density cell design N-Channel MOSFET
|
TY Semiconductor Co., L...
|