PART |
Description |
Maker |
DDTB114TU-7 DDTB123TU-7 DDTB114GU-7 DDTB123YU-7-F |
Prebiased Transistors PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR 500 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Diodes Inc.
|
PZTA96T3 PZTA96T1 |
500 mA, 450 V, PNP, Si, SMALL SIGNAL TRANSISTOR CASE 318E-04, 4 PIN 500 mA, 450 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-261AA
|
Motorola Mobility Holdings, Inc.
|
DDTB122TU-7-F DDTB142JU DDTB142TU DDTB122LU DDTB12 |
Prebiased Transistors PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR 500 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
FMBA56 |
PNP Multi-Chip General Purpose Amplifier 500 mA, 80 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BCV46-T BCV26 BCV26-T |
500 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP Darlington transistors 500 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP Darlington transistors
|
NXP SEMICONDUCTORS NXP Semiconductors N.V.
|
2N5022 |
500 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
ADVANCED SEMICONDUCTOR INC
|
2PB1219S-TAPE-13 |
500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP SEMICONDUCTORS
|
BC808-16 |
500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
DIODES INC
|
NXPSEMICONDUCTORS-2PB710AS-TAPE-7 2PB710S-TAPE-13 |
500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP SEMICONDUCTORS
|
JC327-40 |
500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
NXP SEMICONDUCTORS
|
MMBTA63-13 |
500 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
DIODES INC
|
S9012 S9012-G S9012-I |
500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MICRO COMMERCIAL COMPONENTS
|
|