PART |
Description |
Maker |
P6KE6.8A P6KE7.5A P6KE9.1A P6KE180 P6KE8.2 P6KE43 |
Unidirectional and bidirectional Transient Voltage Suppressor diodes 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC 16-Bit Buffers/Drivers with Bus-Hold and 3-State Outputs 48-TSSOP -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Quadruple 1-of-2 Data Selectors/Multiplexers with 3-State Outputs 16-SOIC -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC
|
SEMIKRON
|
P6KE20A P6KE P6KE200 P6KE18 P6KE100A P6KE82 P6KE33 |
GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE) 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Power Amplifier Driver 32-VQFN -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Wireless 27MHz Dual receiver 28-TSSOP -40 to 85 TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W
|
RECTRON[Rectron Semiconductor] Shanghai Sunrise Electronics
|
P6KE180CA P6KE20CA P6KE16CA P6KE24CA P6KE8V2CA P6K |
600W TRANSIENT VOLTAGE SUPPRESSOR 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-SSOP -40 to 85 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 600W TRANSIENT VOLTAGE SUPPRESSOR 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 18-Bit D-Type Flip-Flops with 3-State Outputs 56-SSOP -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
Fairchild Semiconductor DIODES[Diodes Incorporated] Diodes Inc. Diodes, Inc. Vishay Intertechnology, Inc.
|
HZU16B1TRF-E HZU2.7B1TLF HZU2.0BTLF HZU2.4BTRF-E H |
15.69 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.625 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.05 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.45 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.925 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.225 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.25 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.525 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.075 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.375 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.775 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.21 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.795 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.515 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 30 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 23.445 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 21.325 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
|
P6KE200AG P6KE180ARLG ONSEMICONDUCTOR-P6KE180ARLG |
600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors 600 Watt Peak Power Surmetic -40 Transient Voltage Suppressors 600 W Transient Voltage Suppressor 200 V SUR40 Unidirectional; Package: Surmetic 40, Axial Lead; Container: Bulk; Qty per Container: 1000 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
TFMBJ65A TFMBJ65 TFMBJ90A TFMBJ TFMBJ10 TFMBJ100 T |
GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE) 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
RECTRON[Rectron Semiconductor]
|
EP6KE24A |
600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
LITE-ON SEMICONDUCTOR CORP
|
1SMB36ATR13 1SMB8.5ATR13 1SMB60ATR13 1SMB85ABKLEAD |
600 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
SMBJ16 |
600 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
LITE-ON SEMICONDUCTOR CORP
|
P6KA22-1-E3 |
600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC
|
VISHAY SEMICONDUCTORS
|
RD6.8UM RD2.4UM RD4.7UM RD24UM RD4.3UM RD5.1UM RD1 |
9.1 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.2 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 表面贴装硅稳压二极管 CA01COME24-10SBF80 稳压二极PIN超超级迷你模 CAT6 SOL PC BLU PLE 50FT PLENUM SOLID PATCH CORD RECTIFIER SCHOTTKY SINGLE 1A 60V 30A-Ifsm 0.7Vf 0.5A-IR SMB 3K/REEL ZENER DIODES 2PIN ULTRA SUPER MINI MOLD 2.7 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.1 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
NEC, Corp. NEC Corp. NEC[NEC]
|
|