PART |
Description |
Maker |
ZMA00A150P00C ZMA00A150P00PC ZMA150P00PC ZMA03A150 |
Subminiature Snap-acting Switches SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2.68mm, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 4.8mm, THROUGH HOLE-STRAIGHT
|
C&K Components C & K COMPONENTS INC
|
185BW CAMPKCOMPONENTSINC-TFCFF5SA105BW TFCCF5VT255 |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 11.56mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.5A, 125VDC, 11.56mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 30VDC, 9.53mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1A, 30VDC, 9.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 30VDC, 9.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1A, 30VDC, 4.24mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1A, 30VDC, 9.53mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2.28mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.19mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2.28mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 11.56mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 30VDC, 11.56mm, PANEL MOUNT
|
C & K COMPONENTS INC
|
LCGGP00ECUE LCGDF5T23JYUE LCGDF5T23EYU LCGDF5T23HY |
Subminiature Precision Snap-acting Switches SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 30VDC, 7.64mm, PANEL MOUNT ROHS COMPLIANT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 4.3mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.3mm, PANEL MOUNT
|
C&K Components C.K Components C & K COMPONENTS INC
|
3418 ABS5612413 ABS5612518 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 5.1mm, THROUGH HOLE-RIGHT ANGLE SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 5.1mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, 4mm, PANEL MOUNT
|
|
E4-271 D8-344 MS25356-1 S3-5 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 4A, 28VDC, 0.51mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, 4PDT, MOMENTARY, 15A, 30VDC, 1.52mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, 6PST, MOMENTARY, 15A, 30VDC, 1.52mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPDT, MOMENTARY, 1.52mm, PANEL MOUNT
|
EATON CORP
|
E62-10A |
SWITCH SNAP SPDT 10A SS TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, PANEL MOUNT
|
ZF Electronics, Corp.
|
E53-00R E51-61B E51-00E E51-01T E51-02T E51-50E E5 |
SWITCH LEVER CW SPDT .1A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, PANEL MOUNT
|
ZF Electronics, Corp. THE CHERRY CORP
|
GSCB01A1-C028 GSCB04A1B-C028 GSCB06A1-C028 GSCB04A |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.55A, 125VDC, 53.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 50VDC, 53.5mm, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
UM10A70C01 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 3.6mm, THROUGH HOLE-STRAIGHT
|
HONEYWELL SENSING AND CONTROL
|
141SM28-H2 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 5A, 30VDC, 4.09mm, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
MS24547-1 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 7A, 28VDC, 0.61mm, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
BZE6-2RN28-S |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.5A, 125VDC, 11.5mm, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
|