PART |
Description |
Maker |
39100-1002 39100-1003 39100-1004 39100-1005 39100- |
391001306 12MM LOW PROFILE W/WIRE PROTEC 3 ASY 12MM LOW PROFILE W/WIRE PROTEC 7 ASY 12MM LOW PROFILE W/WIRE PROTEC 9 ASY Terminal Block; No. of Positions:10; Pitch Spacing:0.472"; Wire Size (AWG):20-8; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERMINAL STRIP 3POS 15MM 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERMINAL STRIP 3POS 12MM 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:10; Pitch Spacing:0.591"; Wire Size (AWG):14-6; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; Number of Positions:10; Pitch Spacing:0.394"; Wire Size (AWG):18-10; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 8.00mm (.315? Pitch 10.00mm (.394? Pitch 12.00mm (.472? Pitch 15.00mm (.591? Pitch Eurostyle? Two-Screw Terminal Strip 10MM HIGH PROFILE W/WIRE PROTEC 11 ASY 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 15MM HIGH PROFILE W/WIRE PROTEC 11 ASY 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 10MM LOW PROFILE W/WIRE PROTEC 11 ASY 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 12MM LOW PROFILE W/WIRE PROTEC 11 ASY 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 8.00mm (.315隆卤) Pitch 10.00mm (.394隆卤) Pitch 12.00mm (.472隆卤) Pitch 15.00mm (.591隆卤) Pitch Eurostyle垄莽 Two-Screw Terminal Strip
|
MOLEX INC Molex, Inc. Molex Electronics Ltd.
|
38720-6221 38729-0945 38729-0346 38720-7409 38720- |
SR BTS PC 21 ASY BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PCKT 4 ASY BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PC 10A 5 ASY BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PC 9 ASY BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PC 14 ASY BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PC SS 3 ASY BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
7603-007 |
Terminal Blocks 20 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
TUSONIX, Inc.
|
73629-P 73612-47 73229-A 73817-C 73502-M 73823-47 |
BARRIER STRIP TERMINAL BLOCK
|
BEAU INTERCONNECT
|
76023-50 76612-47 76627-47 |
BARRIER STRIP TERMINAL BLOCK
|
BEAU INTERCONNECT
|
11-140 15-140-Y 14-140-Y 17-140-Y 16-140-Y 18-140 |
Terminal Block; Number of Positions:11; Pitch Spacing:0.375"; Wire Size (AWG):16; Color:Black; Leaded Process Compatible:No; Number of Contacts:11; Peak Reflow Compatible (260 C):No 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block,30 Contacts,0.375 Pitch 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .375 14 POS 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .375 17 POS 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .375 16 POS 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:15; Pitch Spacing:0.375"; Wire Size (AWG):16; Color:Black; Leaded Process Compatible:No; Number of Contacts:15; Peak Reflow Compatible (260 C):No 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:18; Pitch Spacing:0.375"; Wire Size (AWG):16; Color:Black; Leaded Process Compatible:No; Number of Contacts:18; Peak Reflow Compatible (260 C):No 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:2; Pitch Spacing:0.375"; Wire Size (AWG):16; Color:Black; Number of Contacts:2 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .375 13 POS 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .375 12 POS 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:12; Pitch Spacing:0.375"; Wire Size (AWG):16; Color:Black; Leaded Process Compatible:No; Number of Contacts:12; Peak Reflow Compatible (260 C):No
|
Cinch Connectors
|
RSB6HM06180114NN RSB6RM02130311NN RSB6HP15180111NN |
20 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
THOMAS & BETTS CORP
|
77517-56 |
20 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
MOLEX INC
|
51240-0400 MOLEXINC-51240-0405 51240-0301 |
16 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
MOLEX INC
|
7607-602LF |
30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
TUSONIX INC
|
25.648.4253.0 |
8 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
WIELAND ELECTRIC INC
|
|