PART |
Description |
Maker |
SMBG17CA MASMBG17CAE3 MQSMBG17C MQSMBG17CA MASMBG1 |
600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA PLASTIC PACKAGE-2 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA ROHS COMPLIANT, PLASTIC PACKAGE-2 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA
|
Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
Z2150 Z2180U Z6047 |
600 W, BIDIRECTIONAL, SILICON, TVS DIODE 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
|
P6KE39 P6KE20A P6KE440A P6KE200 P6KE7.5 P6KE7.5A P |
Unidirectional and bidirectional Transient Voltage Suppressor Diodes Multi-Standard Fully Integrated 13.56-MHz RFID AFE and Data Framing Reader System 32-QFN -40 to 110 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Single Output LDO, 1.0A, Fixed(1.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Unidirectional and bidirectional Transient Voltage Suppressor Diodes 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Panjit International Inc Diotec Elektronische
|
MASMBG17CA MASMBG17CAE3TR MASMBG17CATR |
600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA PLASTIC, SMBG, 2 PIN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA ROHS COMPLIANT, PLASTIC, SMBG, 2 PIN
|
Microsemi, Corp.
|
BZW06-33B/51 BZW06-8V5B |
600 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
GENERAL SEMICONDUCTOR INC
|
1SMB90CATR13LEADFREE 1SMB85CABK 1SMB8.0CATR13 MB85 |
600 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
CDA4C20GTA |
600 W, BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
EPCOS AG
|
MAC08BT105 MAC08BT1G MAC08MT1G MAC08MT1 MAC08BT1 |
Silicon Bidirectional Thyristor(0.8A锛?00V涓????????纭???哥?) Sensitive Gate Triacs Silicon Bidirectional Thyristors Silicon Bidirectional Thyristor(0.8A00V三端双向可控硅晶闸管) 200 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-261AA
|
ONSEMI[ON Semiconductor]
|
3KP7.0C |
3000 W, BIDIRECTIONAL, SILICON, TVS DIODE 8 X 7.50, PLASTIC, P-600, 2 PIN
|
SEMIKRON
|
SMBJ75C-W RECTRONLTD-TFMBJ75A-W TFMBJ170C-W SMBJ43 |
600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
RECTRON LTD
|
VSB06P6.5LCI-LF |
LOW CAPACITANCE TVS ARRAY 600 W, BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
ProTek Devices
|
|