PART |
Description |
Maker |
ADP2106ACPZ-1.5-R7 ADP2105ACPZ-1.8-R7 ADP2105ACPZ- |
1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters 2.6 A SWITCHING REGULATOR, 1400 kHz SWITCHING FREQ-MAX, QCC16 1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters 1.8 A SWITCHING REGULATOR, 1400 kHz SWITCHING FREQ-MAX, QCC16 1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters 3.3 A SWITCHING REGULATOR, 1400 kHz SWITCHING FREQ-MAX, QCC16
|
Analog Devices, Inc.
|
MC33363B MC33363BP |
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR Isolated Flyback Switching Regulator with 9V Output 1 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDIP13
|
Motorola ON Semiconductor
|
MC33363 MC33363DW |
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR Isolated Flyback Switching Regulator with 9V Output 1 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDSO13
|
Motorola ON Semiconductor
|
MP2364DF-LF-Z |
3 A DUAL SWITCHING CONTROLLER, 1400 kHz SWITCHING FREQ-MAX, PDSO20
|
MONOLITHIC POWER SYSTEMS INC
|
LM2574N-ADJG LM2574DW-ADJR2G |
0.5 A, Adjustable Output Voltage, Step−Down Switching Regulator 1.8 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDSO16
|
Rectron Semiconductor
|
LT1766 LT1766EGN-5 LT1766IGN-5 LT1766EFE-5 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulators 5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator 5.5V to 60V 1.5A/ 200kHz Step-Down Switching Regulator RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 228 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology Corporation Linear Technology, Corp.
|
LM2576D2T-3.3 LM2576T-ADJ LM2576D2TR4-5G LM2576D2T |
3.0 A, 15 V, Step−Down Switching Regulator 3.0 A, 15 V, Step?Down Switching Regulator 3.0 A, 15 V, Step−Down Switching Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 3.0 A, 15 V, Step−Down Switching Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PZFM5 3.0 A, 15 V, Step-Down Switching Regulator(3.0A,15V,???????崇ǔ???)
|
Rectron Semiconductor http://
|
BD8960NV-E2 BD8960NV10 |
2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO8 5 X 6 MM, ROHS COMPLIANT, SON-8 Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
BA9736 BA9736KV A5801101 |
Regulator LSIs > Switching regulator From old datasheet system 6-channel switching regulator controller
|
ROHM[Rohm] http://
|
BA9743AFV A5801070 |
Regulator LSIs > Switching regulator 2-channel switching regulator controller From old datasheet system
|
ROHM[Rohm]
|
LNK500GN-TL LNK500PN |
IC SWITCHER CV CV/CC EFF 8SMD 0.4 A SWITCHING REGULATOR, 49.5 kHz SWITCHING FREQ-MAX, PDSO7 0.4 A SWITCHING REGULATOR, 49.5 kHz SWITCHING FREQ-MAX, PDSO7 LEADS FREE, PLASTIC, SMT, DIP-8 IC SWITCHER CV CV/CC EFF 8DIP 0.4 A SWITCHING REGULATOR, 49.5 kHz SWITCHING FREQ-MAX, PDIP7 Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
|
Power Integrations, Inc.
|
|