PART |
Description |
Maker |
M29W256GL M29W256GH |
Parallel NOR Flash Embedded Memory
|
Micron Technology
|
RC28F128J3D-75 TE28F640J3D-75 JS28F128J3D-75 JS28F |
Numonyx Embedded Flash Memory
|
Numonyx B.V
|
JS28F128J3D-75 JS28F320J3D-75 PC28F128J3D-75 TE28F |
Numonyx?/a> Embedded Flash Memory (J3 v. D) Numonyx Embedded Flash Memory (J3 v. D)
|
Intel Corporation Numonyx B.V
|
M25P40-VMC6GX M25P40-VMB6TXX M25P40-VMC6TXX M25P40 |
Micron M25P40 Serial Flash Embedded Memory
|
Micron Technology
|
M29W128GL7AN6F M29W128GH |
Parallel NOR Flash Embedded Memory Parallel NOR Flash Embedded Memory
|
Micron Technology
|
STA2058 STA2058EX |
High performance single chip GPS TESEO baseband with embedded Flash memory
|
ST Microelectronics
|
PC28F256P30BFA JS28F256P30BFE PC28F256P30BFE JS28F |
Micron Parallel NOR Flash Embedded Memory (P30-65nm) Micron Parallel NOR Flash Embedded Memory (P30-65nm)
|
Micron Technology
|
AM28F512A-200EC AM28F512A-200ECB AM28F512A-200EE A |
512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory with Embedded Algorithms
|
Advanced Micro Devices
|
TE28F160B3T90 28F008B3 28F016B3 28F032B3 28F320B3 |
(TE28F Series) SMART 3 ADVANCED BOOT BLOCK 4-8-16-32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 3V PROM, 110 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 2.7V PROM, 90 ns, PDSO48 RES 10K-OHM 2% 0.25W 100PPM MET-FILM AXIAL TR-13 R-MIL-PRF-39017 智能高级启动34 - - 6 - 2 - Mbit闪存家庭 TVS UNI-DIR 70V 400W SMA 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 2.7V PROM, 90 ns, PDSO40 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 16 FLASH 2.7V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 32 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK, 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE, 8-MBIT (1024K x 8), 16-MBIT (2056K x 8) FLASH MEMORY FAMILY
|
TE Connectivity, Ltd. Intel, Corp. Intel Corp. Intel Corporation
|
LH28F008SCHT LH28F008SCHT-85 LH28F008SCN-L120 LH28 |
8MBIT (1 MB x 8)Smart Voltage Flash Memory 40pin STSOP 8Mbit Flash Memory 8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY 8MBIT (1 MB x 8)Smart Voltage Flash Memory 44pin PSOP
|
Sharp Electrionic Components
|
AM29F032B-75 AM29F032B-90EF |
32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:32Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:90ns; Series:AM29 RoHS Compliant: Yes 4M X 8 FLASH 5V PROM, 90 ns, PDSO40
|
Spansion, Inc.
|
AT49LV1614AT AT49BV1614AT-90TI AT49BV1614A-90TI AT |
AT49BV1604A(T)/AT49BV/LV1614A(T) [Updated 3/02. 26 Pages] 16M bit . 2.7-Volt(BV)/ 3.0 - Volt (LV). Sectored Flash. Dual Plane. Top or Bottom Boot 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 16兆位100万x 16/2M × 8 3伏,只有闪存
|
Atmel Corp. Atmel, Corp.
|