PART |
Description |
Maker |
AM210D |
BUFFER AMPLIFIER, CDIP14
|
ADVANCED MICRO DEVICES INC
|
EL5324IRE EL5324 EL5424ILZ-T7 EL5224 EL5224IL EL52 |
3.3 V Dual PLL Multi-Clock Generator 20-SSOP/QSOP -25 to 85 12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier 12 BUFFER AMPLIFIER, PQCC32 TAPE, TINNED COPPER, EMBOSS, 19MM; Length, tape:3.66m; Width, tape:19mm RoHS Compliant: Yes 10 BUFFER AMPLIFIER, PQCC32 12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier 10 BUFFER AMPLIFIER, PDSO28 130C 1-1/2X30FT SPLICING TAPE OCTAL BUFFER AMPLIFIER, PDSO24 3/4X15FT SEMI-CONDUCTIVE TA Banded Hearing Protector (50/cs) RoHS Compliant: NA Adhesive Compound; Body Material:2 oz. Tubes; Color:Yellow RoHS Compliant: Yes
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
OP227AY |
DUAL INSTRUMENTATION AMPLIFIER, CDIP14
|
PRECISION MONOLITHICS INC
|
WFP6131AGSR CL-FP6131AGS |
9/11-Channel Buffer Amplifier(9/11通道的缓冲放大器) 11 BUFFER AMPLIFIER, PDSO48
|
Winbond Electronics Corp
|
AD856803 AD8570ACP-REEL7 AD8570ACP-R2 AD8569ARM-R2 |
16V Rail-to-Rail Buffer Amplifier 10-Lead MSOP 16V Rail-to-Rail Buffer Amplifier 32-Lead LFCSP 16 V Rail-to-Rail Buffer Amplifiers
|
Analog Devices
|
5962D9567002VCA 5962D9567002VCC 5962D9567002VGA HS |
Low Power, High Performance Radiation Hardened Operational Amplifier OP-AMP, 1 MHz BAND WIDTH, CDIP14 CAP 47UF 4V 25V TANT SMD-7343-43 TR-7 LOWESR-100 CONNECTOR ACCESSORY Low Power/ High Performance Radiation Hardened Operational Amplifier
|
Intersil, Corp. Intersil Corporation
|
EL5128CYZ-T7 EL5128 EL5128CY EL5128CY-T13 EL5128CY |
Dual VCOM Amplifier & Gamma Reference Buffer DUAL OP-AMP, 12000 uV OFFSET-MAX, 8 MHz BAND WIDTH, PDSO10 Dual VCOM Amplifier & Gamma Reference Buffer
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
PIP3208-A PIP3208-A127 |
2 A BUF OR INV BASED PRPHL DRVR, PSFM5 PLASTIC, TO-220, SOT-263B-01, SEP-5 PowerMOS transistor TOPFET high side switch 2 A BUF OR INV BASED PRPHL DRVR, PSFM5
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74ABT162244CMTD 74ABT162244CSSC 74ABT162244CMTDX 7 |
Single Audio Amplifier Quad 4-Bit Buffer/Driver 16-Bit Buffer/Line Driver with 25 Series Resistors in the Outputs
|
Fairchild Semiconductor
|
LT1208CS8PBF LT1230CS14 LT1125MJ14 LT1127MJ14 LT12 |
Dual and Quad 45MHz, 400V/µs Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 3000 uV OFFSET-MAX, 45 MHz BAND WIDTH, PDSO8 QUAD OP-AMP, 10000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO14 QUAD OP-AMP, 140 uV OFFSET-MAX, 12.5 MHz BAND WIDTH, CDIP14 QUAD OP-AMP, 140 uV OFFSET-MAX, 45 MHz BAND WIDTH, CDIP14 QUAD OP-AMP, 10000 uV OFFSET-MAX, 100 MHz BAND WIDTH, CDIP14 QUAD OP-AMP, 90 uV OFFSET-MAX, 12.5 MHz BAND WIDTH, CDIP14
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
HFA1112 HFA1112EVAL HFA1112IB HFA1112IP FN2992 |
850MHz, Low Distortion Programmable Gain Buffer Amplifier 850MHz Low Distortion Programmable Gain Buffer Amplifier From old datasheet system 850MHz/ Low Distortion Programmable Gain Buffer Amplifier
|
INTERSIL[Intersil Corporation]
|
5962-8963601GC |
Monolithic, Wideband, High Slew Rate, High Output Current Buffer; Temperature Range: -55°C to 125°C; Package: 8-Can BUFFER AMPLIFIER, MBCY8
|
Intersil, Corp.
|