PART |
Description |
Maker |
IP3R17AK-05 IP3R17AK-12 IP3R17AK-15 IP1R1705-G IP1 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3126; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Crimp; Circular Shell Style:Straight Plug RoHS Compliant: No 3 AMP FIXED NEGATIVE VOLTAGE REGULATORS 5 V FIXED NEGATIVE REGULATOR, MBFM2 GIGATRUE 550 CAT PATCH CABLE NO BOOT 7FT BEIGE 12 V FIXED NEGATIVE REGULATOR, MBFM2 3 AMP Fixed Negative Voltage Regulator(3 A 12V负稳压器) Analog IC Negative Fixed Voltage Regulator 负固定电压稳压器
|
SEMELAB LTD TT electronics Semelab, Ltd. Semelab(Magnatec) TT electronics Semelab Limited SEME-LAB[Seme LAB] NXP Semiconductors N.V.
|
LT1175 LT1175C LT1175CN8 LT1175CN8-5 LT1175CQ LT11 |
Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 5 V FIXED NEGATIVE LDO REGULATOR, 0.5 V DROPOUT, PDIP8 500mA Negative Low Dropout Micropower Regulator 5 V FIXED NEGATIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
MC79L12ABDG MC79L12ABDR2 MC79L12ABPRA MC79L12ABPRA |
100 mA Negative Voltage Regulators 12 V FIXED NEGATIVE REGULATOR, PDSO8 100 mA Negative Voltage Regulators 12 V FIXED NEGATIVE REGULATOR, PBCY3 100 mA Negative Voltage Regulators 12 V FIXED NEGATIVE REGULATOR, BCY3 100 mA Negative Voltage Regulators 5 V FIXED NEGATIVE REGULATOR, PDSO8
|
ON Semiconductor
|
OM2990STM 5962-9571001MUA 5962-9571002MUA 5962-957 |
Three Terminal, Fixed Voltage, Low Dropout Negative Voltage Regulator In Hermetic Packages 15 V FIXED NEGATIVE LDO REGULATOR, 1 V DROPOUT, CQCC20 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 高可靠性的固定电压低压差三端负稳压 Hi-Rel Fixed Voltage Low Dropout 3-Terminal Negative Regulator 高可靠性的固定电压低压差三端负稳压 15 V FIXED NEGATIVE LDO REGULATOR, 1 V DROPOUT, MSFM3 HERMETIC SEALED, TO-257AA, 3 PIN SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Three Terminal, Fixed Voltage, Low Dropout Negative Voltage Regulator In Hermetic Packages 三端,固定电压,低压差负电压稳压器在气密封装 Three terminal, fixed voltage, negative voltage regulator
|
Amphenol, Corp. Sony, Corp. International Rectifier, Corp. Kontron AG IRF[International Rectifier] Omnirel
|
OM1915NTM OM1912NTM OM1905STM OM1915STM OM1912STM |
Hi-Rel Fixed Voltage 3-Terminal Negative Regulator ISOLATED HERMETIC FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS Three Terminal, Fixed Voltage, 1.5Amp Precision Negative Regulators(1.5 A5V,三端精密型固定负电压稳压器) Three Terminal, Fixed Voltage, 1.5Amp Precision Negative Regulators(1.5 A15V,三端精密型固定负电压稳压器) Three Terminal, Fixed Voltage, 1.5Amp Precision Negative Regulators(1.5 A12V,三端精密型固定负电压稳压器)
|
International Rectifier List of Unclassifed Manufacturers
|
MC79M12BDTG MC79M12BTG MC79M12BDTRKG |
500 mA Negative Voltage Regulators 12 V FIXED NEGATIVE REGULATOR, PSSO2 500 mA Negative Voltage Regulators 12 V FIXED NEGATIVE REGULATOR, SFM3
|
ON Semiconductor
|
OM7634NM OM7633NM OM7632NM |
Hi-Rel Fixed Voltage 3-Terminal Negative Regulator HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS
|
International Rectifier ETC List of Unclassifed Manufacturers
|
LT1964EDDPBF LT1964IDDPBF LT1964ES5-SDPBF LT1964IS |
200mA, Low Noise, Low Dropout Negative Micropower Regulator; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO8 200mA, Low Noise, Low Dropout Negative Micropower Regulator 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 200mA, Low Noise, Low Dropout Negative Micropower Regulator 5 V FIXED NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 200mA, Low Noise, Low Dropout Negative Micropower Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 5 V FIXED NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 LEAD FREE, PLASTIC, MO-193, TSOT-23, 5 PIN 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 PLASTIC, MO-193, TSOT-23, 5 PIN 200mA, Low Noise,Low Dropout Negative Micropower Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
MSK5940-10.0HRHTD MSK5940-10.0ERHS MSK5940-5.2KRHT |
10 V FIXED NEGATIVE LDO REGULATOR, 1 V DROPOUT, SFM3 5.2 V FIXED NEGATIVE LDO REGULATOR, 1 V DROPOUT, SFM3 5.2 V FIXED NEGATIVE LDO REGULATOR, 1 V DROPOUT, PSSO3 15 V FIXED NEGATIVE LDO REGULATOR, 1 V DROPOUT, PSSO3 12 V FIXED NEGATIVE LDO REGULATOR, 1 V DROPOUT, SFM3
|
MS KENNEDY CORP
|
MC79L15ABD MC79L15ABDR2 MC79L12ABD MC79L05ACD MC79 |
100mA, 15V,±5% Tolerance, Negative Voltage Regulator, Ta = -40°C to 125°C; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 15 V FIXED NEGATIVE REGULATOR, PDSO8 100mA, 15V, ±5% Tolerance, Negative Voltage Regulator, Ta = -40°C to 125°C; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 15 V FIXED NEGATIVE REGULATOR, PDSO8 100mA, 12V,±5% Tolerance, Negative Voltage Regulator, Ta = -40°C to 125°C; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 12 V FIXED NEGATIVE REGULATOR, PDSO8 100mA, 5V,±5% Tolerance, Negative Voltage Regulator, Ta = 0°C to 125°C; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 5 V FIXED NEGATIVE REGULATOR, PDSO8 100mA, 12V,±5% Tolerance, Negative Voltage Regulator, Ta = 0°C to 125°C; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bag/Envelope; Qty per Container: 2000 12 V FIXED NEGATIVE REGULATOR, PBCY3 100mA, 12V,±5% Tolerance, Negative Voltage Regulator, Ta = 0°C to 125°C; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 12 V FIXED NEGATIVE REGULATOR, PDSO8 100mA, 15V,±5% Tolerance, Negative Voltage Regulator, Ta = 0°C to 125°C; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bag/Envelope; Qty per Container: 2000 15 V FIXED NEGATIVE REGULATOR, PBCY3 100mA, 15V,±5% Tolerance, Negative Voltage Regulator, Ta = 0°C to 125°C; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 100mA, 15V,±5% Tolerance, Negative Voltage Regulator, Ta = 0°C to 125°C; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 100 mA Negative Voltage Regulators
|
ON Semiconductor
|
|