PART |
Description |
Maker |
T405-700H-TR T410-700H-TR T435-700H-TR T410-600H-T |
Thyristor TRIAC 600V 31A 3TO-220AB T/R 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Absolute Maximum Ratings 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC T4 Series 4A TRIACS
|
ST Microelectronics STMicroelectronics
|
CQ220-16 CQ220-16B CQ220-16D CQ220-16M CQ220-16N |
Leaded Thyristor TRIAC 16 AMP TRIAC 200 THRU 800 VOLTS 800 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 400 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 600 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 16安培可控00 7860 800伏特
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
CQ92-2N |
TRIAC 2.0 AMP, 600 THRU 800 VOLTS 800 V, 2 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
Central Semiconductor, Corp.
|
CTB12-800SW |
800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
CRYDOM CORP
|
BT139X-500E BT139X-600E BT139X-800E |
Triacs sensitive gate(双向可控硅敏感门) 800 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
NXP Semiconductors N.V. Philips Semiconductors
|
CQ202-4MS CQ202-4BS |
4.0 AMP TRIAC 200 THRU 800 VOLTS 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-202 4.0 AMP TRIAC 200 THRU 800 VOLTS 200 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-202
|
Central Semiconductor, Corp.
|
BT136B BT136B-500 BT136B-500F BT136B-500G BT136B-6 |
Transient Voltage Suppressor Diodes 双向可控 Triacs 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
1680A 1680AD 1681A 1681AD 1682A 1682AD 1683A 1683A |
1680A Standalone Logic Analyzer with 800 MHz Timing/200 MHz State, 136 Channels, 1M Memory 1680AD Standalone Logic Analyzer with 800 MHz Timing/200 MHz State, 136 Channels, 4M Memory 1681A Standalone Logic Analyzer with 800 MHz Timing/200 MHz State, 102 Channels, 1M Memory 1681AD Standalone Logic Analyzer with 800 MHz Timing/200 MHz State, 102 Channels, 4M Memory 1682A Standalone Logic Analyzer with 800 MHz Timing/200 MHz State, 68 Channels, 1M Memory 1682AD Standalone Logic Analyzer with 800 MHz Timing/200 MHz State, 68 Channels, 4M Memory 1683A Standalone Logic Analyzer with 800 MHz Timing/200 MHz State, 34 Channels, 1M Memory 1683AD Standalone Logic Analyzer with 800 MHz Timing/200 MHz State, 34 Channels, 4M Memory 1690A PC-Hosted Logic Analyzer with 800 MHz Timing/200 MHz State, 136 Channels, 1M Memory 1690AD PC-Hosted Logic Analyzer with 800 MHz Timing/200 MHz State, 136 Channels, 4M Memory 1691A PC-Hosted Logic Analyzer with 800 MHz Timing/200 MHz State, 102 Channels, 1M Memory 1691AD PC-Hosted Logic Analyzer with 800 MHz Timing/200 MHz State, 102 Channels, 4M Memory 1692A PC-Hosted Logic Analyzer with 800 MHz Timing/200 MHz State, 68 Channels, 1M Memory 1692AD PC-Hosted Logic Analyzer with 800 MHz Timing/200 MHz State, 68 Channels, 4M Memory 1693A PC-Hosted Logic Analyzer with 800 MHz Timing/200 MHz State, 34 Channels, 1M Memory 1693AD PC-Hosted Logic Analyzer with 800 MHz Timing/200 MHz State, 34 Channels, 4M Memory
|
Agilent (Hewlett-Packard)
|
BT136F BT136F-500 BT136F-500F BT136F-500G BT136F-6 |
Triacs 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 DIODE ZENER SINGLE 500mW 22Vz 5.6mA-Izt 0.05 0.1uA-Ir 17Vr DO35-GLASS 5K/AMMO DIODE ZENER SINGLE 500mW 18Vz 7mA-Izt 0.05 0.1uA-Ir 14Vr DO35-GLASS 5K/REEL 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB DIODE ZENER SINGLE 500mW 19Vz 6.6mA-Izt 0.05 0.1uA-Ir 14Vr DO35-GLASS 5K/REEL 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
PHILIPS[Philips Semiconductors] Aimtron Technology Corp. NXP Semiconductors N.V.
|
MAC97A4-18 MAC97-8-18 |
200 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-226AA 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-226AA
|
MOTOROLA INC
|
|