PART |
Description |
Maker |
SFT2907A2GW |
Dual Microminiature Package 600 mA 60 Volts Dual PNP Transistor 600 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Solid State Devices, Inc.
|
PZT2907AT1G |
Small Signal Switch PNP; Package: SOT-223 (TO-261) 4 LEAD; No of Pins: 4; Container: Tape and Reel; Qty per Container: 1000 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-261AA
|
Rectron Semiconductor
|
2N4403TAR |
PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Ammo 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
MMST2907A-7-F |
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
2N1132 |
600 mA, 35 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
ZETEX PLC
|
2N5401CYTA |
600 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
MMBT5401-C-AE3-R |
600 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
UNISONIC TECHNOLOGIES CO LTD
|
2N5401G |
High Voltage Transistor PNP; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
MPSL51 |
Amplifier Transistor 600 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA Amplifier Transistor(PNP Silicon)
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2N3134 2N3299 2N3252 2N3439 2N2854 2N2855 2N3110 2 |
SHROUDED HEADER 14 POS RT ANGLE NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 HEADER, 100MIL, 10PIN, VERTICAL, TH SHROUDED HEADER 10 POS RT ANGLE CONN, HEADER 2X5 PINS .10X.10 CENTERS STRAIGHT SHROUDED,LOW
|
Central Semiconductor C... Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] http://
|
|