PART |
Description |
Maker |
SMCJ18A-TP SMCJ78CA-TP SMCJ48CA-TP SMCJ58CA-TP SMC |
TVS 1500W 18V UNIDIRECT SMC 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 78V BIDIRECT SMC 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 48V BIDIRECT SMC 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 58V BIDIRECT SMC 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 9.0V BIDIRECT SMC 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 16V BIDIRECT SMC 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 26V UNIDIRECT SMC 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 7.0V UNIDIRECT SMC TVS 1500W 130V UNIDIRECT SMC
|
Micro Commercial Components, Corp.
|
SMBJ78A-TP SMBJ78CA-TP SMBJ26CA-TP SMBJ170A-TP SMB |
TVS 600W 78V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 78V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 26V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 170V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 22V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 33V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 130V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 100V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
Micro Commercial Components, Corp.
|
MJH1101706 MJH11022G MJH11017 MJH11018 MJH11018G M |
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150−250 VOLTS, 150 WATTS
|
ONSEMI[ON Semiconductor]
|
2N2505 |
Silicon Controlled Rectifier; Package: TO-93; IT (Av) (A): 150; VTM (V): 1.7; VGT (V): 3; IGT (µA): 150; Vrrm (V): 200; 235.5 A, SCR, TO-93
|
Microsemi, Corp.
|
STPS40150CG-TR STPS40150CW STPS40150CT |
20 A, 150 V, SILICON, RECTIFIER DIODE, TO-220AB HIGH VOLTAGE POWER SCHOTTKY RECTIFIER 20 A, 150 V, SILICON, RECTIFIER DIODE, TO-247AC
|
ST Microelectronics STMICROELECTRONICS
|
UPC8101 UPC8101GR UPC8101GR-E2 |
150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS 3 V, SILICON MMIC 150 MHz QUADRATURE MODULATOR
|
NEC Corp. NEC[NEC]
|
NTE6154 NTE6165 NTE6155 NTE6164 NTE6163 NTE6162 NT |
Silicon industrial rectifier, 150 Amp, general purpose. Anode to case. Peak revrese voltage 1000V. Silicon industrial rectifier, 150 Amp, general purpose. Cathode to case. Peak revrese voltage 1400V. Silicon industrial rectifier, 150 Amp, general purpose. Cathode to case. Peak revrese voltage 1600V. Silicon Industrial Rectifier / 150 Amp / General Purpose Silicon industrial rectifier, 150 Amp, general purpose. Anode to case. Peak revrese voltage 400V. Silicon industrial rectifier, 150 Amp, general purpose. Anode to case. Peak revrese voltage 1400V. Silicon industrial rectifier, 150 Amp, general purpose. Cathode to case. Peak revrese voltage 600V.
|
NTE[NTE Electronics]
|
MJH11017 MJH11020 MJH11019 MJH11021 MJH11022 MJH11 |
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150 / 200 / 250 VOLTS 150 WATTS 15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS 15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150 200 250 VOLTS 150 WATTS
|
MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
BYV32E-150 BYV32E-150127 |
Dual rugged ultrafast rectifier diode, 20 A, 150 V, SOT78 (TO-220AB), Tube pack 20 A, 150 V, SILICON, RECTIFIER DIODE, TO-220AB
|
NXP Semiconductors N.V.
|
MMQA18VT1G MMQA15VT1G MMQA22VT1G |
150 Watt 18V TVS Quad Array; Package: SC-74 (SC-59ML) 6 LEAD; No of Pins: 6; Container: Tape and Reel; Qty per Container: 3000 150 W, UNIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE 150 Watt 15V TVS Quad Array; Package: SC-74 (SC-59ML) 6 LEAD; No of Pins: 6; Container: Tape and Reel; Qty per Container: 3000 150 W, UNIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE 150 Watt 22V TVS Quad Array; Package: SC-74 (SC-59ML) 6 LEAD; No of Pins: 6; Container: Tape and Reel; Qty per Container: 3000 150 W, UNIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
ON Semiconductor
|
R5100410 R5100415 R5100315 R5100110 R5100115 R5100 |
150 A, 1200 V, SILICON, RECTIFIER DIODE, DO-8 General Purpose Rectifier (100-150 Amperes Average 1200 Volts) 通用整流器(100-150安培平均1200伏特 4 Pin, MFP, Phototransistor Detector, CTR 50 min @ 5mA, 5V Optocoupler 通用整流器(100-150安培平均1200伏特
|
POWEREX INC POWEREX[Powerex Power Semiconductors] Powerex, Inc. Harwin PLC
|
|