PART |
Description |
Maker |
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI2032VE ISPLSI2032VE-110LB49 ISPLSI2032VE-110 |
225 MHz 3.3V in-system prommable superFAST high density PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST PLD IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 EE PLD, 13 ns, PQCC44 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 13 ns, PQFP44 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 6 ns, PQCC44 3.3V In-System Programmable High Density SuperFASTPLD 3.3在系统可编程高密度PLD的超快⑩ 3.3VIn-SystemProgrammableHighDensitySuperFASTPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ATV2500H ATV2500H-25DC ATV2500H-25DI ATV2500H-25DM |
120 OHM 1% 1/8 W High-Density UV-Erasable Programmable Logic Device UV PLD, 35 ns, CDIP40 High-Density UV-Erasable Programmable Logic Device OT PLD, 35 ns, PQCC44 High-Density UV-Erasable Programmable Logic Device UV PLD, 35 ns, CQCC44 High-Density UV-Erasable Programmable Logic Device OT PLD, 30 ns, PDIP40 High-Density UV-Erasable Programmable Logic Device UV PLD, 30 ns, CQCC44
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
SDHD7.5K SDHP7.5K SDHP15K SDHD15K SDHN7.5K |
STANDARD RECOVERY HIGH VOLTAGE DOUBLER AND CENTER TAPS High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压7500V,温5℃时平均整流电流0.4A,高密高电标准恢复倍增整流 High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温5℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温25℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) 0.8 A, 7500 V, 2 ELEMENT, SILICON, SIGNAL DIODE High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压15000V,温25℃时平均整流电流0.4A,高密高电标准恢复倍增整流 高密度,高电压,标准恢复倍流整流(反向电5000V,温25℃时平均整流电流0.4A,高密度,高电压,标准恢复倍增整流器)
|
Semtech Corporation Semtech, Corp.
|
STP80N03L-06 4881 |
N-Channel Enhancement Mode "Ultra High Density" Power MOS Transistor(N沟道增强模式高密度功率MOS晶体管) N沟道增强模式“超高密度”功率MOS晶体管(不适用沟道增强模式高密度功率马鞍山晶体管) N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR From old datasheet system N - CHANNEL ENHANCEMENT MODE "ULTRA HIGH DENSITY" POWER MOS TRANSISTOR
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
ISPLSI2032VE06 ISPLSI2032VE300LB49 ISPLSI2032VE300 |
3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST PLD 3.3V In-System Programmable High Density SuperFAST垄芒 PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST?PLD
|
Lattice Semiconductor
|
ATV2500B-15KM/883 ATV2500BL-20KM/883 ATV2500BQL-30 |
High-Speed High-Density UV Erasable Programmable Logic Device OT PLD, 20 ns, PDIP40 High-Speed High-Density UV Erasable Programmable Logic Device UV PLD, 30 ns, CQCC44 High-Speed High-Density UV Erasable Programmable Logic Device UV PLD, 15 ns, CQCC44 High-Speed High-Density UV Erasable Programmable Logic Device UV PLD, 25 ns, CQCC44 High-Speed High-Density UV Erasable Programmable Logic Device OT PLD, 25 ns, PQCC44 High-Speed High-Density UV Erasable Programmable Logic Device UV PLD, 25 ns, CDIP40 High-Speed High-Density UV Erasable Programmable Logic Device OT PLD, 25 ns, PDIP40 ER 4C 4#8 SKT RECP BOX Seals Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:14; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Gender:Female RoHS Compliant: No Circular Connector; No. of Contacts:14; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:22-19 RoHS Compliant: No ER 14C 14#16 SKT RECP CONTROL KNOB RoHS Compliant: Yes ER 3C 3#8 SKT RECP BOX ER 7C 7#16 PIN RECP ER 3C 1#16 2#8 PIN RECP BOX ER 9C 9#16 PIN RECP
|
Atmel, Corp. Atmel Corp. http:// ATMEL Corporation
|
PC825 PC845 PC815 PC835 |
(PC815 - PC845) High Sensitivity / High Density Mounting Type Photocoupler High Sensitivity, High Density Mounting Type Photocoupler
|
SHARP[Sharp Electrionic Components]
|
IDT72V36100 IDT72V36100L10PF IDT72V36100L15PF IDT7 |
3.3 VOLT HIGH-DENSITY SUPERSYNC⑩ II 36-BIT FIFO 3.3 VOLT HIGH-DENSITY SUPERSYNC II 36-BIT FIFO
|
IDT[Integrated Device Technology]
|
ISPLSI8600V-125LB272 ISPLSI8600V-125LB492 ISPLSI86 |
3.3V In-System Programmable SuperBIG High Density PLD 3.3V In-System Programmable SuperBIG⑩ High Density PLD
|
LATTICE[Lattice Semiconductor]
|