PART |
Description |
Maker |
6.6URD30EF0250 6.6URD30EF0350 6.6URD33EF1000 AO65U |
VERY FAST BLOW ELECTRIC FUSE, 250A, 660VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 350A, 660VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 1000A, 660VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 1800A, 650VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 1100A, 650VAC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 200A, 700VAC, 200000A (IR), INLINE/HOLDER
|
MERSEN
|
BK/PCB-2-1/2-R BK/PCC-3-R BK/PCB-3-R TR/PCD-5-R |
FUSE 2-1/2A 250V FAST PCTRON LNG FAST BLOW ELECTRIC FUSE, 2.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE FUSE 3.00A 250V FAST PCTRON SHRT FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 350VDC, 50A (IR), THROUGH HOLE FUSE 3.00A 250V FAST PCTRON LONG FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 350VDC, 50A (IR), THROUGH HOLE Fuse; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 5A, 125VAC, 250VDC, 10000A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc.
|
A25X70-4 A25X700-128 A25X700-4 A25X100-4 A25X250-4 |
SEMICONDUCTOR PROTECTION FUSES FAST BLOW ELECTRIC FUSE, 200A, 250VAC, 10600A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 4500A, 250VAC, INLINE/HOLDER
|
List of Unclassifed Manufacturers ETC MERSEN
|
F0402E0R25FSTR F0603C1R25FWTR F0603C1R75FWTR F0603 |
Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 0.25A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 1.25A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 1.75A, 24VAC, 24VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 0.375A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 0.75A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 2.5A, 16VAC, 16VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 0.5A, 32VAC, 32VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 1A, 63VAC, 63VDC, SURFACE MOUNT Accu-Guard SMD Thin-Film Fuse FAST BLOW ELECTRIC FUSE, 1.25A, 63VAC, 63VDC, SURFACE MOUNT
|
AVX, Corp.
|
3AG1 3AP1 3AG2.5 3AP300 3AG300 3AP375 AP750 |
Fuses, 1A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 1A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 2.5A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 2.5A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 300mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.3A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 300mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.3A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, 375mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, 750mA 250V FAST GLASS
|
Bel Fuse, Inc. BEL FUSE INC
|
7033.815 7033.805 7033.809 |
TIME LAG BLOW ELECTRIC FUSE, 1A, 250VAC, 200A (IR), INLINE/HOLDER TIME LAG BLOW ELECTRIC FUSE, 0.5A, 250VAC, 200A (IR), INLINE/HOLDER TIME LAG BLOW ELECTRIC FUSE, 1.5A, 250VAC, 200A (IR), INLINE/HOLDER
|
SCHURTER INC
|
3404.0044.XX 3404.0019.XX 3404.0014.XX 3404.0043.X |
FAST BLOW ELECTRIC FUSE, 6.3A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT FUSE, SMD, 125V, 8A; Current, fuse rating:8A; Voltage rating, AC:125V; Fuse type, blowing characteristic:Quick Acting F RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
|
SCHURTER AG Schurter Inc.
|
GSAP8 GSAP4 |
Fuses, 8A 250V SB UL CERM LEAD SLOW BLOW ELECTRIC FUSE, 8A, 250VAC, 200A (IR), THROUGH HOLE Fuses, 4A 250V SB UL CERM LEAD SLOW BLOW ELECTRIC FUSE, 4A, 250VAC, 200A (IR), THROUGH HOLE
|
Bel Fuse, Inc.
|
5HFP630-R 5HFP12-R 5HFP125-R 5HFP500-R 5HF160-R 5H |
Quick-acting Fuse Series(High-Breaking Capacity) Fuses, RoHS 800mA 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 0.8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 8A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 315mA 250V F IEC CERM LEAD VERY FAST BLOW ELECTRIC FUSE, 0.315A, 250VAC, 1500A (IR), THROUGH HOLE Fuses, RoHS 3.15A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 4A 250V F IEC CERM 5X20 VERY FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 1500A (IR), INLINE/HOLDER Fuses, RoHS 6.3A 250V F IEC CERM LEAD Fuses, RoHS 100mA 250V F IEC CERM LEAD Fuses, RoHS 1A 250V F IEC CERM LEAD
|
Bel Fuse Inc. http:// Bel Fuse, Inc.
|
0216.200MRET1P 0216.500MXGP 0216004.MXGP 0216004.M |
FAST BLOW ELECTRIC FUSE, 0.2A, 250VAC, 1500A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 0.5A, 250VAC, 1500A (IR), INLINE/HOLDER FAST BLOW ELECTRIC FUSE, 4A, 250VAC, 1500A (IR), INLINE/HOLDER
|
|
TR2/1025FA5-R TR2/1025FA3.5-R |
FAST BLOW ELECTRIC FUSE, 5A, 250VAC, 125VDC, 50A (IR), SURFACE MOUNT FAST BLOW ELECTRIC FUSE, 3.5A, 250VAC, 125VDC, 50A (IR), SURFACE MOUNT Brick?Fuses 1025FA Series, Fast-Acting
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
|