PART |
Description |
Maker |
PZT2907AT1G |
Small Signal Switch PNP; Package: SOT-223 (TO-261) 4 LEAD; No of Pins: 4; Container: Tape and Reel; Qty per Container: 1000 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-261AA
|
Rectron Semiconductor
|
2N2907AC3 2N2907AC3B-JQRS.GRPC 2N2907AC3A.GRPB 2N2 |
SILICON PLANAR EPITAXIAL PNP TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, MO-041BA HERMETIC SEALED PACKAGE-4
|
Seme LAB TT electronics Semelab, Ltd. SEMELAB LTD
|
2N2907A |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
MOTOROLA INC
|
2N2907A JANS2N2906A JANS2N2906AUB JANTX2N2906AUA |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-206AA
|
MICROSEMI CORP
|
MMBT5401 |
600 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
MICRO COMMERCIAL COMPONENTS
|
SST4400T216 MMST7157T247 |
600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
|
MPSL51 |
Amplifier Transistor 600 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA Amplifier Transistor(PNP Silicon)
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
2N3134 2N3299 2N3252 2N3439 2N2854 2N2855 2N3110 2 |
SHROUDED HEADER 14 POS RT ANGLE NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 HEADER, 100MIL, 10PIN, VERTICAL, TH SHROUDED HEADER 10 POS RT ANGLE CONN, HEADER 2X5 PINS .10X.10 CENTERS STRAIGHT SHROUDED,LOW
|
Central Semiconductor C... Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] http://
|
DDTA113ZKA DDTA113ZKA-7 DDTA114WKA DDTA114WKA-7 DD |
50V; 30mA PNP PRE-biased small signal surface mount transistor PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 进步党预偏置小信号资 59表面贴装晶体 PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR USER PROGRAMMABLE CAP STANDALO 50V; 100mA PNP PRE-biased small signal surface mount transistor
|
Diodes, Inc. 小信号晶体管 Diodes Inc. DIODES[Diodes Incorporated]
|
|