PART |
Description |
Maker |
FT500DL FT500DL-24 FT500DL-4 FT500DL-20 FT500DL-16 |
Phase control SCR. 500A, 400V. Phase Control SCR 500 Amperes Avg 200-1400 Volts Phase control SCR. 500A, 1200V. Phase control SCR. 500A, 200V. Phase control SCR. 500A, 1000V. Phase control SCR. 500A, 800V. Phase control SCR. 500A, 300V. Phase control SCR. 500A, 500V. Phase control SCR. 500A, 600V. Phase control SCR. 500A, 1400V.
|
Powerex Power Semiconductor... POWEREX[Powerex Power Semiconductors]
|
R216CH12 R325CH02 R800CH04 |
1125 A, 1200 V, SCR 2398 A, 200 V, SCR 5260 A, 400 V, SCR
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
IRKHF200-02GPS20 IRKHF200-04CPS20 IRKHF200-02CPS20 |
314 A, 200 V, SCR 314 A, 400 V, SCR 282.6 A, 800 V, SCR 314 A, 800 V, SCR 282.6 A, 1200 V, SCR 282.6 A, 200 V, SCR 282.6 A, 600 V, SCR 282.6 A, 1000 V, SCR
|
Cooper Bussmann, Inc.
|
2N5064AP T107E141 S0510LS253V S1008LS253V EC103A75 |
0.8 A, 200 V, SCR, TO-92 4 A, 500 V, SCR 10 A, 50 V, SCR, TO-220AB 8 A, 100 V, SCR, TO-220AB 0.8 A, 100 V, SCR, TO-92 6 A, 50 V, SCR, TO-220AB 6 A, 100 V, SCR, TO-220AB 4 A, 300 V, SCR, TO-202AB 8 A, 50 V, SCR, TO-202AB 4 A, 50 V, SCR, TO-202AB 10 A, 100 V, SCR, TO-220AB
|
|
MCR100-6-AA-T92-B MCR100L-8-AD-T92-B MCR100G-6-B-A |
0.8 A, 400 V, SCR, TO-92 0.8 A, 600 V, SCR, TO-92 0.8 A, 200 V, SCR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD
|
PB-CDQ0303-QS-00B0 PB-CDQ0303-QS-00A0 |
500-6000 MHz Dual, Ultra Low Noise, High IP3 Amplifier 500-6000 MHz双,超低噪声,高IP3放大
|
Mimix Broadband, Inc.
|
2P1M-YB 2P6M-YB 2P4M-YB 2P2MYC 2P2M-YB 2P2M-CY 2P0 |
4 A, 100 V, SCR PLASTIC PACKAGE-3 4 A, 600 V, SCR PLASTIC PACKAGE-3 4 A, 400 V, SCR PLASTIC PACKAGE-3 4 A, 200 V, SCR 4 A, 50 V, SCR
|
|
S4014BH TXN258 X0202DA X0402DE X0403ME S0402NH |
40 A, 200 V, SCR, TO-220AB TO-220AB, 3 PIN 8 A, 200 V, SCR, TO-220AB 1.25 A, 400 V, SCR, TO-92 4 A, 400 V, SCR, TO202-1 4 A, 600 V, SCR, TO202-1 4 A, 800 V, SCR, TO-220AB
|
STMICROELECTRONICS
|
WKU25010 WKU25016 WKU25014W |
555 A, 1000 V, SCR 555 A, 1600 V, SCR 755 A, 1400 V, SCR
|
WESTCODE SEMICONDUCTORS LTD
|
22RIA40M 22RIA40MS90 22RIA140S9 22RIA40S90 22RIA40 |
800V 22A Phase Control SCR in a TO-208AA (TO-48) package 1600V 35A Phase Control SCR in a TO-208AA (TO-48) package 1400V 35A Phase Control SCR in a TO-208AA (TO-48) package 1200V 22A Phase Control SCR in a TO-208AA (TO-48) package 1000V 22A Phase Control SCR in a TO-208AA (TO-48) package 100V 22A Phase Control SCR in a TO-208AA (TO-48) package 600V 22A Phase Control SCR in a TO-208AA (TO-48) package MEDIUMPOWERTHYRISTORS 400V 22A Phase Control SCR in a TO-208AA (TO-48) package Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3106; No. of Contacts:4; Connector Shell Size:14S; Connecting Termination:Solder; Circular Shell Style:Straight Plug RoHS Compliant: Yes MEDIUM POWER THYRISTORS 中功率晶闸管
|
IRF[International Rectifier] International Rectifier, Corp.
|
SKY-60MH |
Level 13 (LO Power 13dBm) 2500 to 6000 MHz 2500 MHz - 6000 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 9.5 dB CONVERSION LOSS-MAX
|
Mini-Circuits
|
|