PART |
Description |
Maker |
CY7C425-65DC CY7C425-65KMB CY7C424-65DC CY7C429-25 |
1K X 9 OTHER FIFO, 30 ns, PDIP28 1K X 9 OTHER FIFO, 30 ns, PQCC32 x9 Asynchronous FIFO
|
CYPRESS SEMICONDUCTOR CORP
|
AM7205A-35RC |
8K X 9 OTHER FIFO, 35 ns, PDIP28
|
ADVANCED MICRO DEVICES INC
|
DS2009D |
512 X 9 OTHER FIFO, 120 ns, PDIP28
|
DALLAS SEMICONDUCTOR
|
IDT72T36105L4-4BB IDT72T36115L4-4BB IDT72T36125L4- |
64K x 36 TeraSync FIFO, 2.5V - Best Value! 128K x 36 TeraSync FIFO, 2.5V - Best Value! 256K x 36 TeraSync FIFO, 2.5V - Best Value! 1K x 36 TeraSync FIFO, 2.5V - Best Value! 16K x 36 TeraSync FIFO, 2.5V - Best Value! 32K x 36 TeraSync FIFO, 2.5V - Best Value! 2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
|
IDT
|
7C420-65 7C433-65 7C425-20 7C425-65 7C425-40 7C425 |
256/512/1K/2K/4K x 9 Asynchronous FIFO 256/512/1K/2K/4K × 9异步FIFO 256/512/1K/2K/4K x 9 Asynchronous FIFO 4K X 9 OTHER FIFO, 40 ns, PDIP28 256/512/1K/2K/4K x 9 Asynchronous FIFO 2K X 9 OTHER FIFO, 65 ns, PQCC32
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IDT72V273L7BC IDT72V273L7BCI IDT72V273L7PF IDT72V2 |
64K x 18 / 128K x 9 SuperSync II FIFO, 3.3V 32K x 18 / 64K x 9 SuperSync II FIFO, 3.3V 16K x 18 / 32K x 9 SuperSync II FIFO, 3.3V 8K x 18 / 16K x 9 SuperSync II FIFO, 3.3V 4K x 18 / 8K x 9 SuperSync II FIFO, 3.3V 2K x 18 / 4K x 9 SuperSync II FIFO, 3.3V 1K x 18 / 2K x 9 SuperSync II FIFO, 3.3V 512 x 18 / 1K x 9 SuperSync II FIFO, 3.3V 3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
|
IDT Integrated Device Technology
|
IDT7164 IDT7164L IDT7164L15D IDT7164L15DB IDT7164L |
Dual UART with 16-Byte Fifos, Selectable IR & 1284 Modes 80-QFP CMOS STATIC RAM 64K (8K x 8-BIT) 8K X 8 STANDARD SRAM, 30 ns, PDIP28 8347 PBGA NO-PB W/O ENCR 8K X 8 STANDARD SRAM, 30 ns, PDIP28 CMOS STATIC RAM 64K (8K x 8-BIT) 8K X 8 STANDARD SRAM, 55 ns, CDIP28 Replaced by TL16C754B : Quad UART with 64-Byte Fifos, Auto Flow Control, Low-Power Modes 68-PLCC -40 to 85 8K X 8 STANDARD SRAM, 25 ns, PDIP28 Dual UART With 64-Byte FIFO 32-QFN 0 to 70
|
Integrated Device Techn... INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IDT723611L30PQF |
IC FIFO 64 X 36 SYNCHRONOUS FIFO MEMORY 0 70C PQFP-132 36/TUBE 64 X 36 OTHER FIFO, 15 ns, PQFP132
|
Integrated Device Technology, Inc.
|
IDT72T40108L6-7BB IDT72T40118L6-7BB IDT72T40118L6- |
64K x 40 TeraSync DDR FIFO, 2.5V 128K x 40 TeraSync DDR FIFO, 2.5V 2.5 VOLT HIGH-SPEED TeraSync?? DDR/SDR FIFO 40-BIT CONFIGURATION 16K x 40 TeraSync DDR FIFO, 2.5V 32K x 40 TeraSync DDR FIFO, 2.5V
|
IDT
|
MS7202AL MS7201AL MS7200L MS7200-25FC MS7201-25FC |
25ns; 256 x 9, 512 x9, 1K x 9 CMOS FIFO 256 X 9 OTHER FIFO, 25 ns, PQCC32 25ns 256 x 9, 512 x9, 1K x 9 CMOS FIFO 256 x 9 CMOS FIFO 256 x 9, 512 x 9, 1K x 9 CMOS FIFO FIFO, Single, 256x9, Uni-directional, 5V Supply, Commercial, LDCC, 32-Pin
|
MOSEL-VITELIC Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] Mosel Vitelic Corp
|
IDT72V14320L10BBI IDT72V14320L10BBI8 IDT72V15320L1 |
3.3V MULTIMEDIA FIFO 16 BIT V-III, 32 BIT Vx-III FAMILY UP TO 1 Mb DENSITY 16K x 16 Multimedia FIFO, 3.3V 8K x 16 Multimedia FIFO, 3.3V 32K x 16 Multimedia FIFO, 3.3V 4K x 32 Multimedia FIFO, 3.3V 32K x 32 Multimedia FIFO, 3.3V 16K x 32 Multimedia FIFO, 3.3V 8K x 32 Multimedia FIFO, 3.3V 1K x 32 Multimedia FIFO, 3.3V
|
Integrated Device Techn... IDT
|