PART |
Description |
Maker |
LT1376HVCSTR LT1376CSTRPBF LT1376HVCSPBF LT1375IS8 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO16 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO8 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LM2574DW-ADJ LM2574N-15 LM2574N-3.3 LM2574N-5 MOTO |
Dust cover; HRS No: 222-0135-3 00; No. of Positions: 6; Operating Temperature Range (degrees C): -25 to 60; General Description: Dust cover; Natural 1.8 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDIP8 EASY SWITCHER 0.5 A STEP-DOWN VOLTAGE REGULATOR 1.8 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDSO16
|
MOTOROLA INC ON Semiconductor
|
RS5RM RS5RM3329A-T1 RS5RM5045B-T2 RS5RM4036B-T2 RS |
CAPACITOR PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR 0.25 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, PDSO8 ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 0.25 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, PDSO8
|
Ricoh Co., Ltd. RICOH COMPANY LTD
|
MSK5041-5.0H MSK5041-2.5H MSK5041-5.0HG |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 9 A SWITCHING REGULATOR, 330 kHz SWITCHING FREQ-MAX, PDFP44 9 A SWITCHING REGULATOR, 330 kHz SWITCHING FREQ-MAX, PDSO44
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
LT1370 LT1370HVCR LT1370CT7 |
500kHz High Efficiency 6A Switching Regulator Isolated Flyback Switching Regulator with 9V Output 10 A SWITCHING REGULATOR, 580 kHz SWITCHING FREQ-MAX, PSSO7 Isolated Flyback Switching Regulator with 9V Output 10 A SWITCHING REGULATOR, 580 kHz SWITCHING FREQ-MAX, PZFM7
|
Linear Technology Corporation Linear Technology, Corp.
|
S-8353J33MC-IYST2U S-8353J25MC-IYK-T2G S-8353H30MC |
SWITCHING REGULATOR, 287.5 kHz SWITCHING FREQ-MAX, PDSO5 HALOGEN AND LEAD FREE, SOT-23, 5 PIN 0.3 A SWITCHING REGULATOR, 287.5 kHz SWITCHING FREQ-MAX, PDSO5 LEAD FREE, SOT-23, 5 PIN 0.3 A SWITCHING REGULATOR, 57.5 kHz SWITCHING FREQ-MAX, PDSO5 0.3 A SWITCHING REGULATOR, 57.5 kHz SWITCHING FREQ-MAX, PSSO3 0.3 A SWITCHING REGULATOR, 57.5 kHz SWITCHING FREQ-MAX, PDSO3
|
Everlight Electronics Co., Ltd. Vicor, Corp.
|
EL7536 EL7536IY-T13 EL7536IY-T7 EL7536IYZ-T7 EL753 |
Monolithic 1A Step-Down Regulator 1.2 A SWITCHING REGULATOR, 1750 kHz SWITCHING FREQ-MAX, PDSO10 1 in Dia., 1 Amp Multi Deck Rotary Switch 1.2 A SWITCHING REGULATOR, 1750 kHz SWITCHING FREQ-MAX, PDSO10 Intersil
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
NCP3121MNTXG |
Dual 3A Switching Regualtor (200 - 750 KHz) 4.8 A SWITCHING REGULATOR, 862.5 kHz SWITCHING FREQ-MAX, QCC32
|
ON Semiconductor
|
UC3500G-XX-AB3-R UC3500G-XX-AE3-R UC3500G-XX-AF5-R |
HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PDSO5 SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PSSO3
|
UNISONIC TECHNOLOGIES CO LTD
|
ADP3000AN-12 ADP3000AR-12 ADP3000AN-33 ADP3000AR-3 |
Isolated Flyback Switching Regulator with 9V Output SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO8 Voltage-Mode SMPS Controller SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO8 Isolated Flyback Switching Regulator with 9V Output SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDIP8 Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 Circular Connector Cable Assembly; Connector Type A:Circular Plug; Connector Type B:Stripped End Leads; Cable Length:10ft RoHS Compliant: Yes Top Entry Connector Hood; Enclosure Material:Aluminum Alloy; For Use With:C146 Rectangular Circular Connectors; Connecting Termination:Screw; Gender:Male; No. of Contacts:48; Operating Voltage:400V; Series:C-146 RoHS Compliant: Yes Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
|
ANALOG DEVICES INC Rochester Electronics, LLC Analog Devices, Inc.
|
ADP2102YCPZ-0.8-R7 ADP2102YCPZ-1.5-R7 ADP2102-15 |
SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, QCC16 3 X 3 MM, ROHS COMPLIANT, LFCSP-16 Low Duty Cycle, 600 mA, 3 MHz Synchronous Step-Down DC-to-DC Converter SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, QCC16
|
Analog Devices, Inc.
|