PART |
Description |
Maker |
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
2SB647ABTZ-E 2SB647ACTZ-E 2SB647CTZ-E 2SB647DTZ-E |
1000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Silicon PNP Epitaxial
|
Renesas Electronics Corporation
|
CMPT7410 CMPT7410BK |
1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR SURFACE MOUNT PNP SILICON LOW VCE (SAT) TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
MPS4354 |
1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
CENTRAL SEMICONDUCTOR CORP
|
UFMMTL718TA |
1000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ZETEX PLC
|
2SB621AR |
1000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
PANASONIC CORP
|
2N5042 |
1000 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
|
SIEMENSAG-BCX52-16E6433 BCX52-16E6327 |
1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
SIEMENS A G
|
2N3868SMD05-JQRR4 2N3868SMD05 |
Bipolar PNP Device in a Hermetically sealed 1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-276AA HERMETIC SEALED, CERAMIC, SMD0.5, 3 PIN
|
Seme LAB TT electronics Semelab, Ltd.
|
PH5416 |
PNP high-voltage transistor 1000 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
NXP Semiconductors N.V. Philips Semiconductors
|
KTB598GR |
1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92, 3 PIN
|
Integrated Device Technology, Inc.
|
|