PART |
Description |
Maker |
1.5KE180 1.5KE33A 1.5KE16C 1N6268A 1N6303 1.5KE51 |
1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes 18 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 36 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 8.2 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 10 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 320 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 43 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 24 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 12 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode Transient Voltage Suppressor (TVS) 瞬态电压抑制器(TVS 56 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 33 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 6.8 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 75 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 68 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 47 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 130 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode
|
Fagor List of Unclassifed Manufac... List of Unclassifed Manufacturers ETC[ETC] Jameco Electronics TE Connectivity, Ltd. Electronic Theatre Controls, Inc. Ecliptek, Corp. IDEC, Corp. List of Unclassifed Man...
|
1.5SMC100A 1.5SMC9.1A 1.5SMC200A 1.5SMC160A 1.5SMC |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
MDE Semiconductor, Inc.
|
1N6126AUS JAN1N6162US |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
MICROSEMI CORP-SCOTTSDALE
|
SMCJ18CA-13 |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
DIODES INC
|
1SMC26CABK 1SMC78CATR13 1SMC14CATR13 1SMC14CABKLEA |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
MPTE-36C |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
ON SEMICONDUCTOR
|
1N6067TR |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA
|
MICROSEMI CORP-LAWRENCE
|
1.5KE13CA 1.5KE110CA 1.5KE11CA 1.5KE130CA 1.5KE160 |
1500 Watt Mosorb Zener Transient Voltage Suppressors 1500 Watt mosorb zener transient voltage suppressors, 200V 1500 Watt mosorb zener transient voltage suppressors, 220V 1500 Watt mosorb zener transient voltage suppressors, 170V 1500 Watt mosorb zener transient voltage suppressors, 150V 1500 Watt mosorb zener transient voltage suppressors, 120V 1500 Watt mosorb zener transient voltage suppressors, 100V 1500 Watt Mosorb Zener Transient Voltage Suppressors 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 1500 Watt mosorb zener transient voltage suppressors, 110V 1500 Watt mosorb zener transient voltage suppressors, 130V 1500 Watt mosorb zener transient voltage suppressors, 160V 1500 Watt mosorb zener transient voltage suppressors, 180V 1500 Watt mosorb zener transient voltage suppressors, 250V
|
http:// ONSEMI[ON Semiconductor]
|
1.5KE18A-T 1.5KE91A-T 1.5KE75A-T 1.5KE51CA-T 1.5KE |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
RECTRON LTD
|
1.5CE100CABK 1.5CE160ATR 1.5CE350CATR 1.5CE300CATR |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201
|
CENTRAL SEMICONDUCTOR CORP
|
|