PART |
Description |
Maker |
B82731-H2132-A30 B82731-H2351-A30 B82731-H2112-A30 |
CHOKE 6.8MH 1.3A CHOKE 100MH 0.35A CHOKE 10MH 1.1A CHOKE 3.3MH 1.8A CHOKE 47MH 0.5A CHOKE 39MH 0.6A CHOKE 27MH 0.7A CHOKE 15MH 0.9A 扼流5MH.9A;
|
PRECI-DIP SA
|
8044 |
CHOKE Surface Mount Common Mode Choke
|
FILTRAN[Filtran LTD]
|
DLP31DN131ML4L DLP31DN321ML4L DLP31DN201ML4L DLP31 |
CHOKE COM MODE ARRY 130 OHM 1206 4 FUNCTIONS, 10 V, 0.12 A, DATA LINE FILTER CHOKE COM MODE ARRY 320 OHM 1206 4 FUNCTIONS, 10 V, 0.08 A, DATA LINE FILTER CHOKE COM MODE ARRY 200 OHM 1206 4 FUNCTIONS, 10 V, 0.1 A, DATA LINE FILTER CHOKE COM MODE ARRY 440 OHM 1206 4 FUNCTIONS, 10 V, 0.07 A, DATA LINE FILTER EMI COMMON MODE CHOKE 1206 90OHM@100MHZ
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
1120-1R0M 1120-4R7M 1120-3R3M 1120-3R9M |
CHOKE RF RADIAL 1.0UH 20% 1 ELEMENT, 1 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF RADIAL 4.7UH 20% Leaded Choke; Series:1120; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.005ohm; Leaded Process Compatible:No 1 ELEMENT, 3.9 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc. BOURNS INC
|
U2009-150Y U2009-220Y U2009-3R3Y U2009-4R4Y |
CHOKE, POWER, SHIELDED, 15UH; Inductor type:Shielded Power Choke; Inductance:15uH; Tolerance, inductance:30%; Resistance:1370mR; Frequency, resonant:40MHz; Case style:SMD Shielded; Q factor:10; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 22UH; Inductor type:Shielded Power Choke; Inductance:22uH; Tolerance, inductance: /-30%; Resistance:2600mR; Frequency, resonant:30MHz; Case style:SMD Shielded; Q factor:10; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 3.3UH; Inductor type:Shielded Power Choke; Inductance:3.3uH; Tolerance, inductance: /-30%; Resistance:320mR; Frequency, resonant:100MHz; Case style:SMD Shielded; Q factor:7; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 4.4UH; Inductor type:Shielded Power Choke; Inductance:4.4uH; Tolerance, inductance: /-30%; Resistance:430mR; Frequency, resonant:85MHz; Case style:SMD Shielded; Q factor:7; Material, core:Ferrite DR/RI; RoHS Compliant: Yes
|
BOURNS INC
|
F1753-310-224 F1753-240-224 F1753-327-222 |
2 ELEMENT, 10000 uH, FERRITE-CORE, COMMON MODE CHOKE 2 ELEMENT, 4000 uH, FERRITE-CORE, COMMON MODE CHOKE 2 ELEMENT, 27000 uH, FERRITE-CORE, COMMON MODE CHOKE
|
VISHAY ROEDERSTEIN
|
DLP2ADA900HL4B DLP2ADA900HL4L DLP2ADA350HL4B DLP2A |
Common Mode Choke Coil Film Type (Array) Common Mode Choke Coil Film Type (Array) DLP2AD Series (0804 Size)
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co...
|
7447709151 |
POWER-CHOKE WE-PD
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
744878220 |
POWER-CHOKE WE-DD
|
Wurth Elektronik GmbH &...
|
|