PART |
Description |
Maker |
IPR1PAD7/1104 IPR1Z1AD8104 |
PUSHBUTTON SWITCH, SPST, LATCHED, 0.1A, 24VDC, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SPST, LATCHED, 0.1A, 24VDC, PANEL MOUNT-THREADED
|
ZF Electronics, Corp.
|
10-101 10-10UL 10C1015-1 07C1040-1 10-100 4002UL |
SPST, 1 and 3 Amp Pushbuttons PUSHBUTTON SWITCH, SPST, MOMENTARY, PANEL MOUNT-THREADED Wiping Contact Pushbutton Switches Momentary or Momentary With Positive Feel
|
Grayhill, Inc.
|
1241.2858 |
Vandal Resistant Pushbutton Switch; Actuator Diameter:14mm; Circuitry:SPST-NO; Switch Operation:Momentary; Contact Current Max:125mA; Leaded Process Compatible:Yes; Mounting Type: PCB; Switch Function:SPST-NO; External Width:21.5mm
|
SCHURTER INC
|
SCHURTERINC-1241.6612.1110000 1241.6631.1110000 12 |
Vandal Resistant Pushbutton Switch; Circuitry:SPST-NO SPST-NC; Switch Operation:(On); Contact Current Max:0.1A; Approval Categories:IP 67 Degree of Protection, IK 07 Shock Resistance according To DIN EN 50102
|
SCHURTER INC
|
30-05-01-502-03 46-05-07-502-07 30-01-04-500-07 46 |
Decorator Line Pushbuttons PUSHBUTTON SWITCH, SPST, MOMENTARY, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, SPDT, ALTERNATE, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, DPDT, ALTERNATE, PANEL MOUNT Sleek Black Matte Bezel Convenient Snap-In Front Mount
|
Grayhill, Inc. GRAYHILL INC
|
1543-300-113 1543-300-135 1543-300-130 1543-300-14 |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.01A, 24VDC, THROUGH HOLE-RIGHT ANGLE 1543-300.02 L13,5 TIPPTASTE Push Switch
|
BOURNS INC Bourns Electronic Solutions Bourns Electronic Solut...
|
MSP103B04 |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 3A, PANEL MOUNT
|
|
M41T80 |
Vandal Resistant Pushbutton Switch; Illumination:Illuminated; Actuator Style:Round; Actuator Diameter:22mm; Circuitry:SPST; Switch Operation:Push to Make; Switch Terminals:Screw; Contact Current Max:50mA
|
意法半导
|
TPB11CGVRA2 |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.02A, 20VDC, THROUGH HOLE-RIGHT ANGLE
|
TYCO ELECTRONICS ALCOSWITCH
|
8532MCGE3 |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 1A, 28VDC, THROUGH HOLE-STRAIGHT ROHS COMPLIANT
|
C.K Components
|
FA2LAA13 LCB22 |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 30A, 30VDC, PANEL MOUNT PUSHBUTTON SWITCH, DPST, MOMENTARY, 6A, 30VDC, PANEL MOUNT
|
THE CHERRY CORP
|
|