PART |
Description |
Maker |
38770-0407 38770-0207 38770-0607 38770-0420 38770- |
CB BTS ET 7 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS BRS 7 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS ONESCR 7 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS ET 20 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS STD 28 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS ONESCR 10 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS STD 9 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS BRS 18 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CB BTS STD 18 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:3; Pitch Spacing:0.375"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Current Rating:20A; Number of Rows:2 Terminal Block; No. of Positions:4; Pitch Spacing:0.375"; Wire Size (AWG):24-12; Mounting Type:Screw; Current Rating:20A; No. of Rows:2; Terminal Block Clamp Type:Barrier Terminal Block; Voltage Rating:150V RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
39372-00 39373-00 39371-00 39374-0909 39374-08 393 |
SR HDR 7.5MM 8 ASY ST 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 9 ASY ST PLUG RE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR HDR 7.5MM 11 ASY ST 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR HDR 7.5MM 5 ASY ST 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 6 ASY RA PLUG 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 3 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 7 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 4 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 6 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 9 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 7.50mm (.295? Pitch 37 Series Beau? Eurostyle? Pluggable Terminal Blocks 7.50mm (.295隆卤) Pitch 37 Series Beau垄莽 Eurostyle垄莽 Pluggable Terminal Blocks
|
Molex, Inc. Molex Electronics Ltd.
|
38720-7520 38720-7519 38720-6321 38720-8108 38720- |
SR BTS PC 20 ASY C BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PC 19 ASY C BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PC 21 ASY C BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PCWRDY 8 ASY C BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PC 13 ASY C BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PC 26 ASY C BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
78310 78509 |
BARRIER STRIP TERMINAL BLOCK
|
BEAU INTERCONNECT MOLEX INC
|
72102-E 72814-C |
BARRIER STRIP TERMINAL BLOCK
|
BEAU INTERCONNECT
|
24015-1210 24015-1211 26012-2612 24020 24020-1211 |
BARRIER STRIP TERMINAL BLOCK
|
BEAU INTERCONNECT
|
1-1546018-0 2-1546018-0 2-1546018-2 2-1546018-1 2- |
TERMINAL BLOCK PLUG 90/180 DEGREE 5.0mm PITCH BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Tyco Electronics
|
TB-20012 TB-20004 TB-20010 TB-200HB02 |
30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
COOPER INDUSTRIES
|
M820-02-20-13 M820-03-36-01 M820-02-02-08 M820-03- |
20 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK 10 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
METHODE ELECTRONICS INC
|
NDN111-BK |
90 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
Cooper Bussmann, Inc.
|
EM-7127-9 |
15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 2 DECKS
|
COOPER INDUSTRIES
|
4DTB-07-006 |
20 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
THOMAS & BETTS CORP
|
|