PART |
Description |
Maker |
V22ZC1 V22ZC3 V22ZS1 V22ZC2 V18ZS2 V18ZC1 V18ZS1 V |
Radial Lead Varistors
|
Littelfuse, Inc.
|
V180ZA05 V180ZA1 V180ZA10 V180ZA20 V180ZA5 V82ZA12 |
Radial lead metal-oxide varistors, 115V From old datasheet system DB9 FEMALE TO RJ45 10 WIRMODULAR ADAPTER (GRAY) Computers; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No DB9 MALE TO RJ45 8 WIRE MODULAR ADAPTER (RED) CRIMP SHELLS, DB9 MALE Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:22-32 CAP .0033UF 100V METAL POLY Shielded Multiconductor Cable; Number of Conductors:37; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes DIODE ZENER SINGLE 500mW 4.7Vz 20mA-Izt 0.05 5uA-Ir 2 SOD-123 3K/REEL Brilliance Bundled Coaxial Cable; Impedance:75ohm; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Material:Polyvinylchloride (PVC Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:22-21 Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation 径向引线金属氧化物压敏电阻的低中压运 Radial lead metal-oxide varistors, 110V Radial lead metal-oxide varistors, 130V Radial lead metal-oxide varistors, 92V Radial lead metal-oxide varistors, 75V Radial lead metal-oxide varistors, 140V
|
http:// HARRIS[Harris Corporation] Harris, Corp. Harris Semiconductor
|
Z25LA102 Z25LA142 Z25LA331 Z25LA391 Z25LA122 Z25LA |
RADIAL LEAD METAL OXIDE VARISTORS
|
CKE
|
V320LA10P V460LA7P V250LC40BP V1000LA80AP V250LA10 |
Radial Lead Varistors LA Series Radial Lead Varistors LA Series
|
Littelfuse
|
VF14M10270K VF05M10270K VF07M10270K VF10M10270K VE |
Radial lead varistors Radial lead varistors
|
AVX Corporation
|
LR91788 |
Radial Lead Varistors UltraMOVTM Series
|
Littelfuse
|
GBP306 GBP300 GBP301 GBP3010 GBP302 GBP304 GBP308 |
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes) From old datasheet system Aluminum Polymer Radial Lead Capacitor; Capacitance: 470uF; Voltage: 6.3V; Case Size: 8x12 mm; Packaging: Bulk Aluminum Polymer Radial Lead Capacitor; Capacitance: 1200uF; Voltage: 4V; Case Size: 10x13 mm; Packaging: Bulk Aluminum Polymer Radial Lead Capacitor; Capacitance: 820uF; Voltage: 2.5V; Case Size: 8x9 mm; Packaging: Bulk 反穿玻璃钝化单相桥式整流器(电压- 50000伏特,电三点零安培)
|
PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc.
|
46500 VDRS14T275BSC VDRS10P385BSE VDRS14T460TME VD |
VDR Metal Oxide Varistors Standard Var MOV 275VAC/350VDC 4500A 430V Radial Bulk Voltage Dependent Resistor, RESISTOR, VOLTAGE DEPENDENT, 505 V, 67 J, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT Voltage Dependent Resistor, RESISTOR, VOLTAGE DEPENDENT, 615 V, 135 J, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT Voltage Dependent Resistor, RESISTOR, VOLTAGE DEPENDENT, 350 V, 63 J, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT Voltage Dependent Resistor, RESISTOR, VOLTAGE DEPENDENT, 560 V, 120 J, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT Voltage Dependent Resistor, RESISTOR, VOLTAGE DEPENDENT, 225 V, 67 J, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT
|
Vishay Siliconix Vishay BCcomponents
|
VR20AS18F390RTR2 |
Radial Leaded Automotive Varistors
|
AVX Corporation
|
KDE1204PFB1 KDE1204PFBX KDE1204PFB2-A KDE1204PFV2- |
DC FAN ULTR SLIM 12V
|
ETC
|
|