PART |
Description |
Maker |
AT91SAM7S256 AT91SAM7S256-AI |
Atmels AT91SAM7S256 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... AT91 ARM THUMB-BASED MICROCONTROLLERS
|
ATMEL Corporation
|
STM32F205ZC STM32F207XX STM32F205RC STM32F205VC ST |
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera STM32F205RET6VTR ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM
|
STMicroelectronics
|
ATSAM3S4CA-AU ATSAM3S4AA-AU ATSAM3S4AA-MU ATSAM3S4 |
ARM-based Flash MCU
|
ATMEL Corporation
|
ATSAM3U1CB-AU |
AT91SAM ARM-based Flash MCU
|
ATMEL Corporation
|
SAM4C-14 |
Atmel | SMART ARM-based Flash MCU
|
ATMEL Corporation
|
STM32F101X410 STM32F101X610 |
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers
|
STMicroelectronics
|
MTV230M64 |
8051 Embedded Micro Controller with Flash OSD and ISP
|
ETC[ETC]
|
STM32F103X610 STM32F103X410 |
Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers
|
STMicroelectronics
|
SM89516A06 |
8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
|
SyncMOS Technologies,Inc
|
SM89516AL25 SM89516A SM89516AC40 SM89516AC25 |
8 - BIT MICRO-CONTROLLER WITH 64KB FLASH 1KB RAM EMBEDDED
|
ETC SyncMOS Technologies,Inc
|
SM79164 |
8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
|
SyncMOS Technologies,Inc
|
STM32F030X8 STM32F030C8 STM32F030F4 STM32F030K6 ST |
Value-line Arm?-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
|
STMicroelectronics
|