PART |
Description |
Maker |
415322-2 |
F Series and G Series; SURFACE MOUNT JACK, F SERIES ( AMP )
|
Tyco Electronics
|
1274045-1 |
F Series and G Series; PLUG,VERTICAL,PCB,G SERIES ( AMP )
|
Tyco Electronics
|
BAS70 BAS4 BAS40 BAS70-05 BSA40 BAS70-04 BAS70-06 |
RESISTOR,SMD1206,160K,1/4W,5% Schottky Rectifier SCHOTTKY arraySERIES 0.2 A, 70 V, SILICON, SIGNAL DIODE SCHOTTKY array⑩ SERIES SCHOTTKY ARRAY⒙ SERIES SCHOTTKY array SERIES SCHOTTKY array?/a> SERIES Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:16000uF RoHS Compliant: Yes CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 50 A rms nominal, ±150 A range SCHOTTKYarray SERIES 0.2 A, 40 V, 2 ELEMENT, SILICON, SIGNAL DIODE SILICON, MIXER DIODE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
E9300B E9300A E9300H E9301A E9301B E9301H |
E9300B E-Series Average Power Sensor E9300A E-Series Average Power Sensor E9300H E-Series Average Power Sensor E9301A E-Series Average Power Sensor E9301B E-Series Average Power Sensor E9301H E-Series Average Power Sensor
|
Agilent (Hewlett-Packard)
|
BR25S128GUZ-W11 |
High Reliability Series Serial EEPROM Series WL-CSP EEPROMs family
|
Rohm
|
KF2002-GF71A |
Thermal Printheads > For ECR > KF2002-GF70 Series, KF1502-GT10 Series
|
ROHM
|
102-073-012 102-073-016 102-073-004 102-073-024 10 |
Dacron Tubular Braid (Black) for Series 72 & 74 Tubing and Series 75 Conduit
|
Glenair, Inc.
|
HD74LVC2G53 |
Standard IC>General-Purpose Logics>Uni-Logic 74LVC 1G/2G/3G Series>74LVC2G Series
|
Renesas
|
TPSV107K025R0100 TPSV686M025R0095 TPSE476M035R0200 |
Low ESR series of robust Mn02 solid electrolyte capacitors TPS Series
|
AVX Corporation
|
HD74ALVC1G32 |
Standard IC>General-Purpose Logics>Uni-Logic 74ALVC 1G/2G Series>74ALVC1G Series
|
Renesas
|
SLR-342YC |
Viewing angle 2 1/2 : 40 Series SLR-342 Series ROHM Customer Support System
|
Rohm
|