PART |
Description |
Maker |
BCW29235 |
PNP general purpose transistors - Complement: BCW31 ; fT min: 100 MHz; hFE max: 260 ; hFE min: 120 ; I<sub>C</sub> max: 100 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 32 V; Package: SOT23 (TO-236AB); Container: Tape reel smd
|
NXP SEMICONDUCTORS
|
CX380D5 |
Solid-State PC Board Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:15VDC; Control Voltage Min:4VDC; Load Current Max:5A; Switching:Zero Cross; Operating Voltage Max:530V
|
CRYDOM CORP
|
M28W320EBB85ZB1T M28W320EBT85N1T M28W320EBB85N1T M |
Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 12.7 V; VZ min.: 11.4 V; VZ nom: 12 V surface mount silicon Zener diodes Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 15.6 V; VZ min.: 13.8 V; VZ nom: 15 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 11.6 V; VZ min.: 10.4 V; VZ nom: 11 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 10.6 V; VZ min.: 9.4 V; VZ nom: 10 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 3.5 V; VZ min.: 3.1 V; VZ nom: 3.3 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 14.1 V; VZ min.: 12.4 V; VZ nom: 13 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 2.6 V; VZ min.: 2.2 V; VZ nom: 2.4 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 2.9 V; VZ min.: 2.5 V; VZ nom: 2.7 V Voltage regulator double diodes - Configuration: dual c.a. ; IF max: 200 mA; Ptot: 350 mW; PZSM: 40 W; Tolerance /- %: appr. 5% ; VZ max.: 3.2 V; VZ min.: 2.8 V; VZ nom: 3 V 32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory 32兆位(处理器x16插槽,引导块V电源快闪记忆
|
意法半导 STMicroelectronics N.V.
|
PMBTA92 PMBTA92215 PMBTA92-T |
100 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP high-voltage transistor - Complement: PMBTA42 ; fT min: 50 MHz; hFE max:>40 ; hFE min: 40 ; I<sub>C</sub> max: 100 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 300 V; Package: SOT23 (TO-236AB); Container: Tape reel smd
|
NXP Semiconductors
|
PRGA24150 PRGD2415010 PRGD48150 PRGD60150 PRGA6015 |
Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:140VAC; Control Voltage Min:90VAC; Load Current Max:150A; Switching:Zero Cross
|
CRYDOM CORP Crydom Inc.,
|
CMRA6065 CMRA6065EP |
Solid-State DIN Rail Mount Relay; Output Device:SCR; Output Voltage Max:660Vrms; Output Voltage Min:48Vrms; Control Voltage Max:140Vrms; Control Voltage Min:90Vrms; Load Current Max:65Arms; Switching:Zero Cross RoHS Compliant: Yes TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
CRYDOM CORP
|
FS2VS-12 |
Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:140Vrms; Control Voltage Min:90Vrms; Load Current Max:12A; Switching:Random; Switch Function:SPST-NO RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
AIDL9 AIDL45 AIDL5J SIDM17 SIDM13 HCMDL20 ACMDL20G |
Logic IC 10-Bit, 125Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 32; Temperature Range: 0°C to 70°C Small-Signal MOS FETs (Dual); Surface Mount Type: Y; Package: UF6; Number of Pins: 6; Internal connection: Independent; V_DS(Q1), max (V): (max 30); V_GSS(Q1), max (V): (max ±12); I_D Q1, max (mA): (max 500) Small-Signal MOS FETs (Dual); Surface Mount Type: Y; Package: ES6; Number of Pins: 6; Internal connection: Independent; V_DS(Q1), max (V): (max 20); V_GSS(Q1), max (V): (max /-10); I_D Q1, max (mA): (max 100) Small-Signal MOS FETs (Dual); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; Internal connection: Independent; Comments Frequency Switching Power Transistor; Application Scope: switching; Part Number: 2SA1736; H_FE: (min 120 @V_CE=2V, I_C=0.1A) (max 400 @V_CE=2V, I_C=0.1A) Junction FETs (Single); Surface Mount Type: Y; Package: VESM2; Number of Pins: 3; Comments: General-purpose; I_DSS, min (mA): (min 0.08) (max 0.48); I_DSS, max (mA): (min 1.4); |Yfs|, min (mS): (max -20) High-Frequency Switching Power Transistors (2SA Series); Surface Mount Type: Y; Package: PW-MOLD; Number Of Pins: 3; Publication Class: High Frequency Switching Power Transistor; Application Scope: power amplification; Part Number: 2SA1241 逻辑IC Small-Signal MOS FETs (Dual); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; Internal connection: Independent; V_DS(Q1), max (V): (max 30); V_GSS(Q1), max (V): (max /-20); I_D Q1, max (mA): (max 400) 逻辑IC High-Frequency Switching Power Transistors (2SA Series); Surface Mount Type: N; Package: LSTM; Number Of Pins: 3; Viewing Angle: radial taping; Publication Class: High Frequency Switching Power Transistor; Part Number: 2SA966 逻辑IC Junction FETs (Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; Comments: General-purpose; I_DSS, min (mA): (min 5) (max 30); I_DSS, max (mA): (min 25); |Yfs|, min (mS): (max -40) 逻辑IC Junction FETs (Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; Comments: Low-noise; I_DSS, min (mA): (min 0.3) (max 6.5); I_DSS, max (mA): (min 1.2); |Yfs|, min (mS): (max -50)
|
Bourns, Inc. ANADIGICS, Inc. ITT, Corp.
|
SC-70-6 |
A : MIN 0.80 MAX 1.10 A1 : MIN 0.00 MAX .010
|
Analog Microelectronics
|
CWD2410 CWD2410P |
Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:3VDC; Control Voltage Min:32VDC; Load Current Max:10Arms; Switching:Zero Cross; Relay Options:LED Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:3VDC; Control Voltage Min:32VDC; Load Current Max:10Arms; Switching:Zero Cross RoHS Compliant: Yes
|
CRYDOM CORP
|
CSD2475G CSE2410 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid State Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:32VDC; Control Voltage Min:15VDC; Load Current Max:10A; Switching:Zero Cross; Output Current:10A; Output Type:SCR
|
CRYDOM CORP
|
LTC6256CKCTRPBF LTC6256HTS8TRMPBF LTC6255HS6TRMPBF |
DUAL OP-AMP, 700 uV OFFSET-MAX, 6.5 MHz BAND WIDTH, PDSO8 OP-AMP, 700 uV OFFSET-MAX, 6.5 MHz BAND WIDTH, PDSO6
|
LINEAR TECHNOLOGY CORP
|