PART |
Description |
Maker |
DFN-6D |
(2x2x0.75mm) MIN 0.700 MAX 0.800
|
Analog Microelectronics
|
MSMC-0102 MSMC-0104 MSMC-0103 MSMC-0105 MSMC-0100 |
PHOTOCELL,90mW,150V PEAK, 27KohmMAX LIGHT,2MohmMIN DARK PHOTOCELL,150mW,200VPK,3.6Kohm MAX LITE,0.3Mohm MIN DARK PHOTOCELL,90mW,150VPK,5Kohm, MAX LITE,20Mohm MIN DARK PHOTOCELL,400mW,350VPK,8Kohm MAX LITE,1Mohm MIN. DARK PHOTOCELL,100mW,150VPK,3Kohm, MAX LITE, 0.2Mohm MIN DARK PHOTOCELL,100mW,150VPK,80Kohm, MAX LITE,5Mohm MIN DARK CAP,CERM,DISC,470PF,1KV,20% CAP,CERM,DISC,0.047UF,1KV,20% AP,CERM,DISC,5PF,50V,20% INCREMENTS of 10 PHOTOCELL,90mW,150VPK,27Kohm, MAX LITE,0.3Mohm MIN DARK 医药0W的超小型开关电 PHOTOCELL,90mW,150VPK,10Kohm, MAX LITE,20Mohm MIN DARK 医药0W的超小型开关电
|
Astrodyne, Inc.
|
2PA1774Q115 |
PNP general-purpose transistor - Complement: 2PC4617Q ; fT min: 100 MHz; hFE max: 270 ; hFE min: 120 ; I<sub>C</sub> max: 100 mA; Polarity: PNP ; Ptot max: 150 mW; VCEO max: 40 V; Package: SOT416 (SC-75); Container: Tape reel smd
|
NXP SEMICONDUCTORS
|
BCW29235 |
PNP general purpose transistors - Complement: BCW31 ; fT min: 100 MHz; hFE max: 260 ; hFE min: 120 ; I<sub>C</sub> max: 100 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 32 V; Package: SOT23 (TO-236AB); Container: Tape reel smd
|
NXP SEMICONDUCTORS
|
BCP69 BCP69-16 BCP69-16_DG BCP69-16_IN BCP69-25 BC |
PNP medium power transistor; 20 V, 1 A - Complement: BCP68 ; fT min: 40 MHz; hFE max: 375 ; hFE min: 85 ; I<sub>C</sub> max: 1000 mA; Polarity: PNP ; Ptot max: 1350 mW; VCEO max: 20 V; Package: SOT223 (SC-73); Container: Tape reel smd 20 V, 1 A PNP medium power transistor
|
NXP Semiconductors
|
FS2VS-16A |
Solid-State Panel Mount Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:140Vrms; Control Voltage Min:90Vrms; Load Current Max:18A; Switching:Zero Cross RoHS Compliant: Yes
|
Mitsubishi Electric Corporation
|
X2784AG-08TT I2781A-08SR I2781A-08ST I2781A-08TR I |
PS MEDICAL SWITCHER 15V .73A 156 MHz, OTHER CLOCK GENERATOR, PDSO8 General Purpose EMI Reduction IC 156 MHz, OTHER CLOCK GENERATOR, PDSO8 General Purpose EMI Reduction IC 312 MHz, OTHER CLOCK GENERATOR, PDSO8 General Purpose EMI Reduction IC 78 MHz, OTHER CLOCK GENERATOR, PDSO8 PS LINEAR DUAL 5V@6A 9-15@2.5A ICs for Inductive Proximity Switches; Package: P-DSO-14; VCC (min): 5.0 V; VCC (max): 30.0 V; ICC (max): 0.9 mA; IQ (max): 50.0 mA; Operating Temperature (min): -25.0 degC; ICs for Inductive Proximity Switches; VCC (min): 5.0 V; VCC (max): 30.0 V; ICC (max): 0.9 mA; IQ (max): 50.0 mA; Operating Temperature (min): -25.0 degC; ICs for Inductive Proximity Switches; Package: P-DSO-8; VCC (min): 5.0 V; VCC (max): 30.0 V; ICC (max): 1.0 mA; IQ (max): 50.0 mA; Operating Temperature (min): -25.0 degC; ICs for Inductive Proximity Switches; Package: P-DSO-8; VCC (min): 5.0 V; VCC (max): 30.0 V; ICC (max): 1.0 mA; IQ (max): 50.0 mA; Operating Temperature (min): -25.0 degC;
|
Alliance Semiconductor ... Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation] http://
|
AIDL9 AIDL45 AIDL5J SIDM17 SIDM13 HCMDL20 ACMDL20G |
Logic IC 10-Bit, 125Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 32; Temperature Range: 0°C to 70°C Small-Signal MOS FETs (Dual); Surface Mount Type: Y; Package: UF6; Number of Pins: 6; Internal connection: Independent; V_DS(Q1), max (V): (max 30); V_GSS(Q1), max (V): (max ±12); I_D Q1, max (mA): (max 500) Small-Signal MOS FETs (Dual); Surface Mount Type: Y; Package: ES6; Number of Pins: 6; Internal connection: Independent; V_DS(Q1), max (V): (max 20); V_GSS(Q1), max (V): (max /-10); I_D Q1, max (mA): (max 100) Small-Signal MOS FETs (Dual); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; Internal connection: Independent; Comments Frequency Switching Power Transistor; Application Scope: switching; Part Number: 2SA1736; H_FE: (min 120 @V_CE=2V, I_C=0.1A) (max 400 @V_CE=2V, I_C=0.1A) Junction FETs (Single); Surface Mount Type: Y; Package: VESM2; Number of Pins: 3; Comments: General-purpose; I_DSS, min (mA): (min 0.08) (max 0.48); I_DSS, max (mA): (min 1.4); |Yfs|, min (mS): (max -20) High-Frequency Switching Power Transistors (2SA Series); Surface Mount Type: Y; Package: PW-MOLD; Number Of Pins: 3; Publication Class: High Frequency Switching Power Transistor; Application Scope: power amplification; Part Number: 2SA1241 逻辑IC Small-Signal MOS FETs (Dual); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; Internal connection: Independent; V_DS(Q1), max (V): (max 30); V_GSS(Q1), max (V): (max /-20); I_D Q1, max (mA): (max 400) 逻辑IC High-Frequency Switching Power Transistors (2SA Series); Surface Mount Type: N; Package: LSTM; Number Of Pins: 3; Viewing Angle: radial taping; Publication Class: High Frequency Switching Power Transistor; Part Number: 2SA966 逻辑IC Junction FETs (Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; Comments: General-purpose; I_DSS, min (mA): (min 5) (max 30); I_DSS, max (mA): (min 25); |Yfs|, min (mS): (max -40) 逻辑IC Junction FETs (Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; Comments: Low-noise; I_DSS, min (mA): (min 0.3) (max 6.5); I_DSS, max (mA): (min 1.2); |Yfs|, min (mS): (max -50)
|
Bourns, Inc. ANADIGICS, Inc. ITT, Corp.
|
TO-263-3 |
(D2 PAK) A : MIN 9.65 MAX 10.67 B : MIN 8.28 MAX 9.66
|
Analog Microelectronics
|
TC74AC164P07 TC74AC164F TC74AC164FN TC74AC164FT |
Zener Diode; Application: General; Pd (mW): 200; Vz (V): 25.10 to 28.90; Condition Iz at Vz (mA): 2; C (pF) max: -; Condition VR at C (V): ESD (kV) min: -; Package: URP Zener Diode; Application: General; Pd (mW): 200; Vz (V): 2.80 to 3.20; Condition Iz at Vz (mA): 5; C (pF) max: -; Condition VR at C (V): ESD (kV) min: -; Package: URP Zener Diode; Application: General; Pd (mW): 200; Vz (V): 23.72 to 24.78; Condition Iz at Vz (mA): 5; C (pF) max: -; Condition VR at C (V): ESD (kV) min: -; Package: URP Zener Diode; Application: General; Pd (mW): 200; Vz (V): 2.80 to 3.05; Condition Iz at Vz (mA): 5; C (pF) max: -; Condition VR at C (V): ESD (kV) min: -; Package: URP Zener Diode; Application: General; Pd (mW): 200; Vz (V): 24.54 to 25.57; Condition Iz at Vz (mA): 5; C (pF) max: -; Condition VR at C (V): ESD (kV) min: -; Package: URP CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (S-IN, P-OUT)
|
Toshiba Corporation Toshiba Semiconductor
|
5ET1 5ET2.5 5ET1.25 5ET1.6 5ET3.15 |
µP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset 1ppm/°C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References µP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset 保险
|
Honeywell International, Inc.
|
|