PART |
Description |
Maker |
NTF6P02T3 NTF6P02T3-D NTF6P02T3G NTF6P02T3/D |
Receptacle With A Wire Wrap Tail NTF6P02T3 Power MOSFET -6.0 Amps, -20 Volts P?Channel SOT23(-6.0A,-20V,P通道,SOT-23封装的功率MOSFET) 10 A, 20 V, 0.05 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET -6.0 Amps, -20 Volts P??annel SOT?23 Power MOSFET -6.0 Amps, -20 Volts P-Channel SOT-223 20V P-ch HD3e SOT223
|
ONSEMI ON Semiconductor
|
RM912 |
CDMA/AMPS 3-4 Volt Power Amplifier (824-849 MHz) CDMA/AMPS 3-4 Volt Power Amplifier (824?849 MHz)
|
ETC Conexant Systems, Inc
|
MTB2P50ET4 MTB2P50ET4G MTB2P50E |
Power MOSFET 2 Amps, 500 Volts(2A, 500V功率MOSFET) 2 A, 500 V, 6 ohm, P-CHANNEL, Si, POWER, MOSFET Power MOSFET 2 Amps, 500 Volts P−Channel D2PAK
|
ON Semiconductor
|
NTD18N06LT4G NTD18N06 NTD18N06L NTD18N06L-1 NTD18N |
Power MOSFET 18 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 18 Amps, 60 Volts, Logic Level N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
NTB75N03-06T4G NTB75N03-06G NTB75N03-006 NTB75N03- |
75 A, 30 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET LEAD FREE, CASE 418AA-01, D2PAK-3 Power MOSFET 75 Amps, 30 Volts
|
ON Semiconductor
|
D5-15-230 D5-25 10E12D D15-30 D12-30 D10-20 D15-20 |
2-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan Evaluation Kit for the MAX5932 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 5 Volt and 3.3 Volt MicroMonitor Analog IC 模拟IC SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps 模拟IC Evaluation Kit for the MAX2680, MAX2681, MAX2682 模拟IC Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 模拟IC Dual/Triple, Ultra-Low-Voltage, SOT23 µP Supervisory Circuits 模拟IC
|
Electronic Theatre Controls, Inc. Electronics Industry Public Company Limited Ecliptek, Corp. Infineon Technologies AG TE Connectivity, Ltd. Vishay Intertechnology, Inc. SCHURTER AG Glenair, Inc. Allegro MicroSystems, Inc.
|
NTD32N06L NTD32N06LT4 NTD32N06L-1 NTD32N06LT4G NTD |
Power MOSFET 32 Amps, 60 Volts, Logic Level(N−Channel DPAK) Power MOSFET 32 Amps, 60 Volts, Logic Level(N-Channel DPAK) Power MOSFET 32 Amps / 60 Volts / Logic Level(N-Channel DPAK) Power MOSFET 32 Amps, 60 Volts, Logic Level N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
NTP18N06L NTB18N06LT4 NTB18N06LT4G NTB18N06L |
Power MOSFET 15 Amps, 60 Volts, Logic Level (N−Channel TO−220 and DPAK) 15 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 15 Amps, 60 Volts, Logic Level (N−Channel TO−220 and DPAK) Power MOSFET 15 Amps, 60 Volts, Logic Level N-Channel, D2 Pak
|
Microsemi, Corp. ONSEMI[ON Semiconductor]
|
NTD14N03R07 NTD14N03RT4G NTD14N03R-001 NTD14N03R-1 |
Power MOSFET 14 A, 25 V N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 11.4 A, 25 V, 0.13 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 14 Amps, 25 Volts N-Channel DPAK
|
Rectron Semiconductor
|
|