PART |
Description |
Maker |
LPC12D27FBD100 |
32-bit ARM Cortex-M0 microcontroller; 128 kB flash and 8 kB SRAM; 4 x 40 segment LCD driver 32位ARM Cortex-M0的微控制器,128KB闪存 KB静态随机存储器;4×40段LCD驱动 32-bit ARM Cortex-M0 microcontroller??28kB flash, 8kB SRAM, LCD, LQFP100 package
|
NXP Semiconductors N.V.
|
STR710FZ2H6 STR711FR2H6 STR710FZ1 STR710FZ1H6 STR7 |
ARM7TDMI™ 16/32-BIT MCU WITH FLASH, USB, CAN, 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM-Based Flash microcontrollers with USB and CAN ARM7TDMI-S™ 32-BIT MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM-Based Flash microcontrollers with CAN
|
ST Microelectronics
|
LPC2210 LPC2220 |
16/32-bit ARM microcontrollers; flashless with 64 kB,with 10-bit ADC and external memory interface
|
NXP Semiconductors
|
LPC2210 LPC2210FBD144 |
16/32-bit ARM microcontroller with 10-bit ADC and external memory interface
|
NXP Semiconductors
|
LPC2294HBD144 LPC2294HBD144_00 LPC2294HBD144_01 LP |
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
|
Philips Semiconductors NXP Semiconductors
|
STM32F205ZC STM32F207XX STM32F205RC STM32F205VC ST |
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera STM32F205RET6VTR ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM
|
STMicroelectronics
|
LPC2214 LPC2214FBD144 LPC2212 LPC2212FBD144 |
16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface
|
PHILIPS[Philips Semiconductors]
|
LPC2292 LPC2292FBD144 LPC2294JBD LPC2294 LPC2294JB |
16/32-bit ARM microcontrollers 256 kB ISP/IAP Flash with CAN 10-bit ADC and external memory interface 16/32-bit ARM microcontrollers 256 kB ISP/IAP Flash with CAN, 10-bit ADC and external memory interface
|
PHILIPS[Philips Semiconductors]
|
LPC2292FBD144 LPC2294JBD144 |
16/32-bit ARM microcontrollers 256 kB ISP/IAP Flash with CAN/ 10-bit ADC and external memory interface 16/32-bit ARM microcontrollers 256 kB ISP/IAP Flash with CAN, 10-bit ADC and external memory interface
|
Philips Semiconductors NXP Semiconductors
|
LPC1114LVFHI33/303 LPC1114LVFHN24/103 |
32-bit ARM Cortex-M0 MCU
|
NXP
|