PART |
Description |
Maker |
LC87F7DJ2C |
FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC87FBL08A |
8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC877G16A |
CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC872H04A LC872H06A LC872H08A |
CMOS IC 8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
ST10F280-JT3 |
16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM 16位的MAC单元12K采样字节闪存8K字节RAM控制
|
意法半导 STMicroelectronics N.V.
|
ENA0956A |
CMOS IC 128K-byte FROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
ENA0955A |
CMOS IC 128K-byte FROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
ENA0125B |
CMOS IC Internal 32K/24K/16K-byte ROM and 1024-byte RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
ENA1189 |
CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LC871H96A LC871HC8A |
CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
M67025E07 M67025E-14 |
Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM Separate Upper Byte and Lower Byte Control for Multiplexed Bus Compatibility
|
ATMEL Corporation
|