PART |
Description |
Maker |
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
THS117 |
MAGNETIC FIELD SENSOR-HALL EFFECT HALL SENSOR GaAs ION IMPLANTED PLANAR TYPE HIGH STABILITY CONTROL DIGITAL TACHOMETER CRANK SHAFR POSITION SENSOR
|
TOSHIBA
|
KM110BH KM110BH2430 KM110BH2470 |
30° and 70° angle sensor hybrids 30?and 70?angle sensor hybrids 30 and 70 angle sensor hybrids 30∑ and 70∑ angle sensor hybrids 30and 70angle sensor hybrids 30deg angle sensor hybrid.
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
224CNQ045 224CNQ 224CNQ035 224CNQ040 |
SCHOTTKY RECTIFIER 35V 220A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package Proximity Sensor; Sensor Input Type:Magnetic; Sensor Output Type:NPN; Leaded Process Compatible:No; Output Type:3 Wire; Peak Reflow Compatible (260 C):No; Sensor Housing:Barrel
|
IRF[International Rectifier]
|
MAX1154BEUET MAX6662MSA-T MAX6662MSAT MAX6517UKP07 |
Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor 12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 2.50Cel, RECTANGULAR, SURFACE MOUNT DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1.50Cel, RECTANGULAR, SURFACE MOUNT SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MPXV4006GC6T1 MPXV4006G6T1 MPXV4006GC7U |
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated(集成硅压力传感器,带片内信号调节、温度补偿和校准功能) INTEGRATED PRESSURE SENSOR GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-0.87Psi, 5%, 0.22-4.82V, SQUARE, THROUGH HOLE MOUNT
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 Motorola Mobility Holdings, Inc.
|
MPXS4100A6U MPXS4100A6T1 MPXS4100A |
INTEGRATED PRESSURE SENSOR 集成压力传感 INTEGRATED PRESSURE SENSOR ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 2.9-15.22Psi, 1.8%, 0.30-4.95V, RECTANGULAR, SURFACE MOUNT
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
MK16-C-2 |
SENSOR MAGNETIC 15-20 A/T SMD PROXIMITY SENSOR-PHOTOELECTRIC, RECTANGULAR, SURFACE MOUNT
|
MEDER electronic
|
NOA1305 |
Ambient Light Sensor with I2C Interface and Dark Current Sensor
|
ON Semiconductor
|
59630-1-T-01-A 59630-1-T-01-C 59630-1-T-01-D 59630 |
MAGNETIC FIELD SENSOR-HALL EFFECT, ROUND Float Sensor Features and Benefits
|
HAMLIN ELECTRONICS EUROPE LTD HAMLIN Position and Movement Sensor Solutions
|
FPDM12P3401/S35A |
POSITION, LINEAR SENSOR-RETROREFLECTIVE, 5.2-5.2mm, 100mA, RECTANGULAR, BOARD MOUNT THROUGH BEAM SENSOR
|
ITT, Corp.
|
EMC1204-ACZL-TR EMC1203 EMC1203-ACZL-TR EMC1204 |
Triple/Quad Single-Wire Temp Sensor in MSOP-8 Using SMSC BudgetBus Sensor Interface
|
SMSC Corporation
|