PART |
Description |
Maker |
IDT71V3558SA133PFGI IDT71V3558SA100BGG IDT71V3558S |
3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/3.3V I/O 128K x 36/ 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O/ Burst Counter Pipelined Outputs 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 5 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.3V的I / O的脉冲计数器输出流水 TV 6C 6#12 SKT WALL RECP Circular Connector; No. of Contacts:41; Series:D38999; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-41
|
IDT Integrated Device Technology, Inc.
|
AS7C33128PFS32A AS7C33128PFS32A-100TQC AS7C33128PF |
3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 9 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 3000; Container: Reel 128K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 9 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel 128K X 36 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 12 ns, PQFP100 DIODE ZENER SINGLE 1000mW 18Vz 14mA-Izt 0.05 5uA-Ir 13.7Vr DO41-GLASS 5K/REEL DIODE ZENER SINGLE 1000mW 18Vz 14mA-Izt 0.05 5uA-Ir 13.7Vr DO41-GLASS 5K/AMMO
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
IS61LF12832-8.5TQI IS61LF12832-7.5TQI IS61LF12832- |
128K x 32, 128K x 36 synchronous flow-through static RAM 128K X 32 CACHE SRAM, 8.5 ns, PQFP100
|
INTEGRATED SILICON SOLUTION INC
|
IS61VPS12836A-250B3I |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 36 CACHE SRAM, 2.6 ns, PBGA165
|
Integrated Silicon Solution, Inc.
|
AS7C33128PFD18B AS7C33128PFD18B-200TQIN AS7C33128P |
128K X 18 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 18 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 3.3V 128K x 18 pipeline burst synchronous SRAM Sync SRAM - 3.3V
|
Integrated Silicon Solution, Inc. ALSC[Alliance Semiconductor Corporation]
|
CY7C0853V-133BBXI CY7C0852AV-167AXC CY7C0851AV-133 |
FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.0 to 3.6 V; Speed: 133 MHz 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 128K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 64K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172
|
Cypress Semiconductor, Corp.
|
IS61LPS25618A-250B2 IS61LPS25618A-250B2I IS61LPS25 |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 32 CACHE SRAM, 2.6 ns, PQFP100 128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 36 CACHE SRAM, 2.6 ns, PQFP100 128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 36 CACHE SRAM, 2.6 ns, PBGA119 128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 32 CACHE SRAM, 3.1 ns, PQFP100
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
IS61VF25618A-6.5TQ IS61VF25618A-6.5B3 IS61VF12836A |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 256K X 18 CACHE SRAM, 6.5 ns, PQFP100 128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 256K X 18 CACHE SRAM, 6.5 ns, PBGA165 128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 128K X 36 CACHE SRAM, 7.5 ns, PQFP100
|
Integrated Silicon Solution, Inc.
|
AS7C33128FT18B AS7C33128FT18B-80TQIN AS7C33128FT18 |
3.3V 128K x 18 Flow Through Synchronous SRAM 128K X 18 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K x 18 Flow Through Synchronous SRAM 128K X 18 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 128K x 18 Flow Through Synchronous SRAM 128K X 18 STANDARD SRAM, 6.5 ns, PQFP100 128K X 18 STANDARD SRAM, 8 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 18 STANDARD SRAM, 7.5 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 18 STANDARD SRAM, 10 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 18 STANDARD SRAM, 10 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 18 STANDARD SRAM, 8 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 18 STANDARD SRAM, 7.5 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 18 STANDARD SRAM, 6.5 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 18 STANDARD SRAM, 6.5 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 Sync SRAM - 3.3V
|
INTEGRATED SILICON SOLUTION INC Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc. ALSC[Alliance Semiconductor Corporation]
|
AS7C33128PFD36A-100TQI AS7C33128PFD32A-133TQC AS7C |
3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 12 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 12 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 9 ns, PQFP100
|
Alliance Semiconductor, Corp.
|
CY7C1345B-117AC CY7C1345B-100AC CY7C1345B-100AI CY |
x36 Fast Synchronous SRAM x36快速同步SRAM 128K x 36 Synchronous Flow-Through 3.3V Cache RAM
|
CYPRESS[Cypress Semiconductor]
|
|