PART |
Description |
Maker |
IRF7379ITRPBF |
30V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package designed and qualified for the industrial market
|
International Rectifier
|
DMG7408SFG-7 DMG7408SFG-13 DMG7408SFG-15 DMG7408SF |
30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI? Qualified to AEC-Q101 Standards for High Reliability
|
Diodes Incorporated
|
IRF7807ZUPBF |
30V Single N-Channel HEXFET Power MOSFET in a Lead Free SO-8 package designed and qualified for the consumer market
|
International Rectifier
|
DMN10H099SFG-7 DMN10H099SFG-13 DMN10H099SFG DMN10H |
Qualified to AEC-Q101 Standards for High Reliability 100V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI?
|
Diodes Incorporated
|
FDS898407 FDS8984 |
N-Channel PowerTrench? MOSFET N-Channel PowerTrench庐 MOSFET N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench MOSFET 30V, 7A, 23mOhm 7 A, 30 V, 0.032 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
FDP100N10 |
N-Channel PowerTrenchMOSFET 75 A, 100 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor, Corp.
|
RN55D4170FB14 RN55E1002BR36 |
RESISTOR, METAL FILM, 0.125 W, 1 %, 100 ppm, 417 ohm, THROUGH HOLE MOUNT AXIAL LEADED Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
|
Vishay Siliconix
|
FDW2515N FDW2515NZ |
CAP CER 68000PF 100V 10% X7R1210 5.8 A, 20 V, 0.028 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Common Drain N-Channel 2.5V specified PowerTrench MOSFET Dual N-Channel 2.5V Specified PowerTrench MOSFET
|
Glenair, Inc. FAIRCHILD[Fairchild Semiconductor]
|
ZVN4206AV |
N-channel MOSFET N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET MOSFET N-CH 60V 600MA TO-92 600 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
FDS4435 FDS4435D84Z FDS4435F011 |
P-Channel Logic Level PowerTrenchTM MOSFET 8800 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 9000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 8.8 A, 30 V, 0.02 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
SUP85N08-08 SUB85N08-08 |
N-Channel 75-V (D-S) 175 Degree Celcious MOSFET N通道75 - V(下副秘书长175度Celcious MOSFET N-Channel 75-V (D-S) 175C MOSFET N通道75 - V(下副秘书长75荤MOSFET N-Channel MOSFET N-Channel 75-V (D-S) 175C MOSFET
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
|