PART |
Description |
Maker |
AS3833-ZSOT AS3833-ZTQT |
6 channel high-precision LED cont rol ler for 3D-LCD backl ight with integrated step-up cont rol ler
|
ams AG
|
87C196MC |
Industrial Motor Control Microcontroller
|
Intel Corporation
|
EG80C196MH U87C196MH |
8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
|
Intel Corporation
|
U83C196MC |
Industrial motor control microcomputer. 16 Kbytes ROM, 16MHz
|
Intel
|
D87C196MH |
Industrial motor control CHMOS microcontroller, OTPROM 32 Kbytes, 16 MHz
|
Intel
|
19003-0048 19003-0057 19003-0053 19003-0056 19003- |
.250 X.032 FML FIQD EXP CONT.(BB-2206XC) 2 mm2, PUSH-ON TERMINAL .187X.032 FEMALE AQUA FIQD CONT BB-2208C 2 mm2, PUSH-ON TERMINAL .187X.020 FEMALE FIQD EXPANDED (BB-2207X 2 mm2, PUSH-ON TERMINAL .187 X .032 FEMALE FIQD (BB-2208) 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(BB-2206XT) 2 mm2, PUSH-ON TERMINAL 190030058 2 mm2, PUSH-ON TERMINAL .205 X .020 BLUE FIQD CONT BB-2215C 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(AA-2201XT) 0.8 mm2, PUSH-ON TERMINAL 190030060 2 mm2, PUSH-ON TERMINAL .187 X .020 FEMALE FIQD CONT. (AA-2202C) 0.8 mm2, PUSH-ON TERMINAL .250 X .032 FEMALE FIQD CON 2 mm2, PUSH-ON TERMINAL
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|
ACS750XCA-100 ACS750XCA-10005 ACS750ECA-100 ACS750 |
Industrial systems, Motor control, Power conversion, Battery monitors Automotive systems Current Sensor
|
Allegro MicroSystems
|
HDSP-076 HDSP-0760 HDSP-0761 HDSP-0762 HDSP-0773 H |
Hexadecimal and Numeric Displays for Industrial Applications 十六进制数字显示和工业应 16-Bit Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 48; Container: Rail 16-Bit Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 48; Container: Tape & Reel HDSP-0961 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0761 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0762 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0772 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0760 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0770 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0771 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0763 · Numeric DIsplays for Industrial Applications HDSP-0960 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0962 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0963 · Numeric DIsplays for Industrial Applications HDSP-0860 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0861 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0862 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0863 · Numeric DIsplays for Industrial Applications
|
Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
IRFN140SMD |
ER CET 0 22 A, 100 V, 0.125 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel Power MOSFET(Vdss:100V,Id(cont):13.9A,Rds(on):0.077Ω)(N沟道功率MOS场效应管(Vdss:100V,Id(cont):13.9A,Rds(on):0.077Ω)) N沟道功率MOSFET(减振钢板基本:100V的,身份证(续)3.9A,的Rds(on):0.077Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本100V的,身份证(续)3.9A时,RDS(对):0.077Ω))
|
TT electronics Semelab, Ltd. International Rectifier, Corp. Seme LAB
|
BA6209 BA6209N A5800937 BA6209/N |
R-78Bxx-1.0(L) Series - Innoline Regulated DC-DC Converters; Output Voltage (Vdc): 6.5V; Output Current (A): 1.0A; Features: Efficiency up to 97%,Non From old datasheet system Reversible motor driver Motor Drivers LSIs > DC motor driver > Reversible DC motor driver for one motor
|
Rohm CO.,LTD. ROHM[Rohm]
|
IRF9130SMD |
P-Channel Power MOSFET For HI-REL Application(Vdss:-100V,Id(cont):-8A,Rds(on):0.35Ω)(P沟道功率MOS场效应管,HI-REL应用(Vdss:-100V,Id(cont):-8A,Rds(on):0.35Ω)) P-CHANNEL POWER MOSFET FOR HI.REL APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|