PART |
Description |
Maker |
D6F-CABLE2 D6F-P0010A1 D6F-P0001A1 |
A Compact, High-accuracy Flow Sensor with Superior Resistance to Environments.
|
Omron Electronics LLC
|
T6SHSHD121EEA T6SHSHD241EEA T6THSLD121EEA T2-06 |
High flow, compact diaphragm pumps
|
Sensortechnics GmbH http://
|
GP1S56 |
COMPACT, HIGH SENSING ACCURACY TYPE PHOTOINTERRUPTER WITH POSITIONING PIN
|
Sharp Electrionic Components
|
REC-34L REC-50L |
Precision Linear Transducers, Conductive Plastic, Compact, High Accuracy, Essentially Infinite Resolution, Long Life, Sealed on Request
|
Vishay
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
MAX6709 MAX6709-MAX6714 MAX6714 MAX6714CUB MAX6709 |
60 mA, 2.0 V to 5.5 V, low-voltage, high-accuracy, quad voltage monitor Low-Voltage / High-Accuracy / Quad Voltage Monitors in MAX Package Low-Voltage, High-Accuracy, Quad Voltage Monitors in レMAX Package LOW-VOLTAGE, HIGH-ACCURACY, QUAD VOLTAGE MONITORS IN ヌMAX PACKAGE "Low-Voltage, High-Accuracy, Quad Voltage Monitors in ?MAX Package" Low-Voltage, High-Accuracy, Quad Voltage Monitors in MAX Package Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package 35 mA, 2.0 V to 5.5 V, low-voltage, high-accuracy, quad voltage monitor
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX670 MAX6700 MAX6700-MAX6710 MAX6700UT-T MAX6710 |
In1 adj, In2 Vcc, In3 adj , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 adj, In2 3 V, In3 1.8 V , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 adj, In2 3 V, In3 2.5 V , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 adj, In2 3.3 V, In3 1.8 V , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 adj, In2 3.3 V, In3 2.5 V , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 5 V, In2 3.3 V, In3 adj , Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package Low-Voltage, High-Accuracy, Triple/Quad Voltage P Supervisory Circuits in SOT Package Low-Voltage, High-Accuracy, Triple/Quad Voltage レP Supervisory Circuits in SOT Package Low-Voltage / High-Accuracy / Triple/Quad Voltage P Supervisory Circuits in SOT Package Low-Voltage.High-Accuracy.Triple/Quad Voltage µ.P Supervisory Circuits in SOT Package 低电压、高精度、三/四路电压、微处理器监控电路,SOT封装 In1 5 V, In2 3.3 V, In3 2.5 V, Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 5 V, In2 3.3 V, In3 1.8 V, Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit In1 adj V, In2 3.3 V, In3 2.5 V, Low-voltage, high-accuracy, triple/quad voltage mP supervisory circuit
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADP3338 ADP3338AKC-18 ADP3338AKC-25 ADP3338AKC-285 |
0.3-8.5V; high accuracy ultralow 1A anyCAP low dropout regulator. For notebook, palmtop computers, SCSI terminators, battery-powered systems CONNECTOR 5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4 Two, Three and Four Cell Lithium or Lithium-Polymer Battery Protection AFE 30-TSSOP -40 to 110 高精度超低智商,一甲,anyCAP低压差稳压器 High-Accuracy Ultralow IQ/ 1 A/ anyCAP Low Dropout Regulator JT 55C 55#20 PIN RECP JT 100C 100#22D PIN RECP Circular Connector; No. of Contacts:21; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:22-21 RoHS Compliant: No From old datasheet system High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator High Accuracy Ultralow Quiscent Current, 1A, any CAPDropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX16008 MAX16008TP MAX16009TG |
Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN Low-Voltage, High-Accuracy, Quad Window Monitor in Small TQFN Package
|
Maxim Integrated Products
|
ADP3334ACP-REEL7 ADP3334AR-REEL ADP3334AR-REEL7 AD |
High Accuracy Low I<SUB>Q</SUB>, 500 mA anyCAP® Adjustable Low Dropout Regulator High Accuracy Low IQ, 500 mA anyCAP® Adjustable Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-10 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 High Accuracy, Low IQ, anyCAP? Adjustable Low Dropout Regulator
|
Analog Devices, Inc.
|
ADM6710AARJZ-REEL7 ADM6710HARJZ-REEL7 ADM6710CARJZ |
Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit 低电压,高精度,四路电压监控电路
|
Analog Devices, Inc. Infineon Technologies AG
|
MAX801 MAX801CPA MAX801CSA MAX801EPA MAX801ESA MAX |
Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.425V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.675V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.575V. CMOS RAM write protection.. 8-Pin µP Supervisory Circuits with ±1.5% Reset Accuracy 8-Pin µP Supervisory Circuits with ±1.5% Reset Accuracy 8-Pin μP Supervisory Circuits with ±1.5eset Accuracy 8-Pin P Supervisory Circuits with 1.5eset Accuracy From old datasheet system 8-Pin レP Supervisory Circuits with 【1.5eset Accuracy 5015 RR 3#8 SKT RECP 8-Pin レP Supervisory Circuits with 1.5eset Accuracy 8引脚レP监控电路与精度1.5eset 8-Pin レP Supervisory Circuits with 1.5eset Accuracy 8引脚微处理器监控电路,提amp;plusmn;1.5%的复位门限精 Interface IC 1-CHANNEL POWER SUPPLY SUPPORT CKT, CDIP8 Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.575V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.675V. CMOS RAM write protection..
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
|