PART |
Description |
Maker |
BD9853AFV |
Single/Dual-output High-frequency Step-down Switching Regulato (Controller type)
|
Rohm
|
K4S64323LH-HN75 K4S64323LH K4S64323LH-FC1H K4S6432 |
2M X 32 SYNCHRONOUS DRAM, 7 ns, PBGA90 Dual Rail-To-Rail Micropower Operational Amplifier 8-PDIP 0 to 70 12k × 32Bit的4银行0FBGA移动SDRAM Dual Rail-To-Rail Micropower Operational Amplifier 8-SOIC 0 to 70 12k × 32Bit的4银行0FBGA移动SDRAM Dual Rail-To-Rail Micropower Operational Amplifier 8-TSSOP 0 to 70 12k × 32Bit的4银行0FBGA移动SDRAM 512K x 32Bit x 4 Banks Mobile SDRAM in 90FBGA 12k × 32Bit的4银行0FBGA移动SDRAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
LT1078M LT1078MJ8 LT1078MH LT1078AC LT1078ACH LT10 |
Micropower, Dual and Quad, Single Supply, Precision Op Amps DUAL OP-AMP, 600 uV OFFSET-MAX, 0.2 MHz BAND WIDTH, CDIP8 Synchronous 4-Bit Binary Counters 16-SO 0 to 70 DUAL OP-AMP, 600 uV OFFSET-MAX, 0.2 MHz BAND WIDTH, MBCY8 Micropower/ Dual and Quad/ Single Supply/ Precision Op Amps
|
Linear Technology Corporation Linear Technology, Corp.
|
LT1078 LT1078AC LT1078ACH LT1078ACN8 LT1078AM LT10 |
Micropower/ Dual and Quad/ Single Supply/ Precision Op Amps Micropower, Dual and Quad, Single Supply, Precision Op Amps Micropower Dual and Quad Single Supply Precision Op Amps From old datasheet system
|
LINER[Linear Technology]
|
LT2079 LT2079AC LT2079AI LT2079C LT2079I LT2078 LT |
From old datasheet system Micropower/ Dual and Quad/ Single Supply/ Precision Op Amps Micropower, Dual and Quad, Single Supply, Precision Op Amps
|
LINER[Linear Technology]
|
AD7899 AD7899ARS-3 AD7899SR-1 AD7899ARS-1 AD7899AR |
12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 模拟到数字转换器14 Analog-to-Digital Converter14-Bit 12-Bit Rail-to-Rail Micropower DACs in SO-8; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C IC,A/D CONVERTER,SINGLE,14-BIT,CMOS,SOP,28PIN 5 V Single Supply 14-Bit 400 kSPS ADC
|
TE Connectivity, Ltd. adi Analog Devices
|
TS3V3702 TS3V3702ID TS3V3702IDT |
DUAL COMPARATOR, 6500 uV OFFSET-MAX, 1500 ns RESPONSE TIME, PDSO8 3V MICROPOWER DUAL CMOS VOLTAGE COMPARATOR
|
STMICROELECTRONICS ST Microelectronics
|
OP-290 OP-290ARC_883 OP-290GP OP-290GS OP-290AZ OP |
PRECISION, LOW POWER, MICROPOWER DUAL OPERATIONAL AMPLIFIER 精密低功耗,微功耗双路运算放大器 ER 24C 24#16 SKT RECP WALL DUAL OP-AMP, 500 uV OFFSET-MAX, 0.02 MHz BAND WIDTH, CQCC20
|
Analog Devices, Inc. AD[Analog Devices]
|
LTC1040CSW LTC104009 LTC1040-15 |
Dual Micropower Comparator
|
Linear Technology
|
LT1034IZ-1.2TR LT1034IZ-2.5PBF LT1034IZ-2.5TRPBF L |
Micropower Dual Reference
|
Linear Technology
|
LTC6078 LTC6078_LTC6079 |
Micropower Precision,Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers
|
Linear Technology Corporation
|