PART |
Description |
Maker |
TMP47C103N TMP47C203M TMP47C203N TMP47C103M |
CMOS 4-BIT MICROCON
|
Toshiba Semiconductor
|
ATMEGA644PA-PU ATMEGA164PA-MU ATMEGA164PA-MUR ATME |
8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP40 0.600 INCH, GREEN, PLASTIC, MS-011AC, DIP-40 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC44 7 X 7 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, MO-220VKKD-3, VQFN-44 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQFP44 10 X 10 MM, 1 MM HEIGHT, 0.80 MM PITCH, GREEN, PLASTIC, MS-026ACB, TQFP-44 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PBGA49 5 X 5 MM, 1 MM HEIGHT, 0.65 MM PITCH, GREEN, VFBGA-49 MCU AVR 32KB FLASH 40PDIP 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP40
|
Atmel, Corp.
|
SST89E54RD2-40-I-PJ SST89V52RD2-40-I-PJ SST89V58RD |
DIODE SWITCH 80V 25MA SOT-353 FlashFlex51单片 XSTR GP SWITCH 75V 0.6A 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU FlashFlex51单片 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 TRANS DUAL NPN 50V 30MA SOT-353
|
Silicon Storage Technol... SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc.
|
SST89V58RD-33-C-PIE SST89V58RD2-33-C-NJE SST89V58R |
8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 ROHS COMPLIANT, PLASTIC, MS-011AC, DIP-40 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 ROHS COMPLIANT, PLASTIC, MS-018AC, LCC-44 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQFP44 ROHS COMPLIANT, MS-026ACB, TQFP-44 FlashFlex MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 FlashFlex MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQFP44
|
Silicon Storage Technology, Inc.
|
ATMEGA16L-8MUR ATMEGA16-16AU |
8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQCC44 7 X 7 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, MO-220VKKD-3, VQFN-44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQFP44
|
Atmel, Corp.
|
IS89C52 IS89C52-12PL IS89C52-12PLI IS89C52-12PQ IS |
ECONOLINE: RY-S_DCP - Internal SMD Technology- 1kVDC Isolation- Short Circuit Protection: Current Limit- UL94V-0 Package Material- Regulated Output- No External Components Required- Efficiency to 63% 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQCC44 CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40
|
Integrated Silicon Solution Inc Integrated Silicon Solution, Inc.
|
STM32F205ZCT6XXX STM32F205ZCT6TR STM32F205RCY6TR S |
32-BIT, FLASH, 120 MHz, RISC MICROCONTROLLER, PQFP144 20 X 20 MM, ROHS COMPLIANT, LQFP-144 32-BIT, FLASH, 120 MHz, RISC MICROCONTROLLER, PBGA66 ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
|
ST Microelectronics STMICROELECTRONICS
|
LPC2132FBD64/CP325 LPC2134FBD64/0111 LPC2132FBD64/ |
32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP64 10 X 10 MM, 1.40 MM HEIGHT, ROHS COMPLIANT, PLASTIC, MS-026, SOT314-2, LQFP-64 Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC; Package: SOT314-2 (LQFP64); Container: Reel Pack, SMD, 13" 32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP64
|
NXP Semiconductors N.V.
|
DSPIC33FJ06GS101 DSPIC33FJ06GSX02 DSPIC33FJ16GSX02 |
High-Performance, 16-bit Digital Signal Controllers 16-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC28 6 X 6 MM, 0.90 MM HEIGHT, LEAD FREE, PLASTIC, QFN-28 16-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDSO28 7.50 MM, LEAD FREE, PLASTIC, SOIC-28 16-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP28 0.300 INCH, LEAD FREE, PLASTIC, SDIP-28
|
Microchip Technology, Inc. Microchip Technology Inc.
|
ATMEGA168PV ATMEGA88PV ATMEGA88PV-10PU ATMEGA88PV- |
8-bit Microcontroller with 4/8/16K Bytes In-System Programmable Flash 10 MHZ, PDIP, IND TEMP, GREEN, 1.8V(MCU AVR) 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP28 10 MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC32
|
ATMEL Corporation Atmel, Corp.
|
STR630FZ1T6 STR635FZ1H6 STR635FZ1T6 STR631FV2T6 |
32-BIT, FLASH, 36 MHz, RISC MICROCONTROLLER, PQFP144 20 X 20 MM, TQFP-144 32-BIT, FLASH, 36 MHz, RISC MICROCONTROLLER, PBGA144 10 X 10 MM, 1.70 MM HEIGHT, LFBGA-144 32-BIT, FLASH, 36 MHz, RISC MICROCONTROLLER, PQFP100
|
ST Microelectronics STMICROELECTRONICS
|
|