PART |
Description |
Maker |
AN7330K |
Dual Channels 3-Bands Graphic Equalizer IC
|
Panasonic
|
LA6261 LA626107 |
For Optical Disk Drive 6-Channel Driver (BTL: 4 channels, H bridge: 2 channels)
|
Sanyo Semicon Device
|
BA3840KV A5801037 |
Audio LSIs > Graphic equalizer > Preset graphic equalizer Preset graphic equalizer for headphone stereos headphone stereos From old datasheet system
|
ROHM[Rohm]
|
54831 54830B 54830D 54831B 54831D 54832D 54833A 54 |
Mixed Signal Oscilloscope, 1 GHz, 2 16 Channels Mixed Signal Oscilloscope, 1 GHz, 2 Channels Mixed Signal Oscilloscope, 1 GHz, 4 16 Channels Mixed Signal Oscilloscope, 600 MHz, 4 16 Channels Mixed Signal Oscilloscope, 600 MHz, 4 Channels Mixed Signal Oscilloscope, 600 MHz, 2 16 Channels Infiniium 54830 Series Oscilloscopes Mixed Signal Oscilloscope, 600 MHz, 2 Channels
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Agilent / Hewlett-Packard
|
14-56-4065 |
2.54mm (.100") Pitch SL垄芒 Insulation Displacement Connector Assembly, Female,Single Row, Version D, Back Ribs, Wire Size 28, 0.76楼矛m (30楼矛") Gold (Au), 6 Circui
|
Molex Electronics Ltd.
|
BTS723GW Q67060-S7501 |
Smart High-Side Power Switch Two Channels: 2 x 100m?/a> Status Feedback Suitable for 42V Smart High-Side Power Switch Two Channels: 2 x 100mз Status Feedback Suitable for 42V 智能高侧电源开关两个渠道:2 ×100mз状态反馈适用2V High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs 16-TSSOP -55 to 125 Smart High-Side Power Switch Two Channels: 2 x 100m Status Feedback Suitable for 42V Smart High Side Switches - 5,0-62V, 2x100mLimit(scr) 8A DSO-14-9
|
INFINEON[Infineon Technologies AG]
|
KA22233 |
LINEAR INTEGRATED CIRCUIT 3 Band Dual Graphic Equalizer Amplifier 3-Band Dual Graphic Equalizer Amplifier
|
Samsung semiconductor Samsung Electronic
|
BTS5210G |
Smart High-Side Power Switch Two Channels: 2 x 140m?/a> Status Feedback Smart High-Side Power Switch Two Channels: 2 x 140mз Status Feedback Smart High-Side Power Switch Two Channels: 2 x 140m Status Feedback Smart High Side Switches - 5,5-40V, 2x140m?Limit(scr) 6,5A P-DSO-14
|
INFINEON[Infineon Technologies AG]
|
TDS5000B TDS5054BE TDS5104B TDS5032B TDS5034B TDS5 |
Digital Phosphor Oscilloscopes Digital Phosphor Oscilloscope, 4 Channels, 350 MHz, Color LCD Digital Phosphor Oscilloscope, 2 Channels, 500 MHz, Color LCD Digital Phosphor Oscilloscope, 4 Channels, 1 GHz, Color LCD Digital Phosphor Oscilloscope, 4 Channels, 500 MHz, Color LCD Digital Phosphor Oscilloscope, 2 Channels, 350 MHz, Color LCD
|
List of Unclassifed Manufacturers ETC[ETC] Tektronix
|
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
|